Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75232-S20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 75232-S20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75232-S20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  75232-S20-R Datasheet HTML 1Page - Unisonic Technologies 75232-S20-R Datasheet HTML 2Page - Unisonic Technologies 75232-S20-R Datasheet HTML 3Page - Unisonic Technologies 75232-S20-R Datasheet HTML 4Page - Unisonic Technologies 75232-S20-R Datasheet HTML 5Page - Unisonic Technologies 75232-S20-R Datasheet HTML 6Page - Unisonic Technologies 75232-S20-R Datasheet HTML 7Page - Unisonic Technologies 75232-S20-R Datasheet HTML 8Page - Unisonic Technologies 75232-S20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
75232
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R113-005,D
ELECTRICAL CHARACTERISTICS(Cont.)
DRIVER SECTION (VDD=9V, VSS=-9V, VCC=5V)
High
VOH
VIL=0.8V, RL=3 kΩ
6
7.5
V
Output Voltage Level
(Figure. 1)
Low
VOL
VIH=1.9V, RL=3 kΩ (Note 1)
-7.5
-6
V
High
IIH
VIN=5V
10
μA
Input Current Level
(Figure. 2)
Low
IIL
VIN=0V
-1.6
mA
High
IOS(H)
VIL=0.8V, VOUT=0V (Note 2)
-8.5
-12
-19.5
mA
Short Circuit Output Current
(Figure. 1)
Low
IOS(L)
VIH=2.0V, VOUT=0V
8.5
12
19.5
mA
Output Resistance (Note 3)
ROUT
VDD=VSS=VCC=0V, VOUT=-2V~2V
300
Ω
RECEIVER SECTION (VDD=9V, VSS=-9V, VCC=5V)
Ta=25
°C (Figure. 5)
1.75
1.9
2.3
Positive
VT+
Ta=0
°C ~ 70°C (Figure. 5)
1.55
2.3
V
Going Threshold Voltage
Negative
VT-
0.75
0.97
1.25
V
Input Hysteresis(VT+ - VT-)
VHYS
0.5
V
VIH=0.75V
2.6
4
5
High
VOH
IOH=-0.5mA
Inputs Open
2.6
V
Output Voltage Level
Low
VOL
VIN=3V, IOL=10mA
0.2
0.45
V
VIN=25V
3.6
8.3
High
IIH
VIN=3V
0.43
mA
VIN=-25V
-3.6
-8.3
Input Current Level
(Figure. 5)
Low
IIL
VIN=-3V
-0.43
mA
Short-Circuit Output Current
IOS
(Fig. 4)
-3.4
-12
mA
Note. 1. For voltage logic levels, the more positive (less negative) limit is designated as maximum, (e.g. if -10V is a
maximum, the typical value is a more negative voltage).
2: Output short circuit conditions must maintain the total power dissipation below absolute maximum ratings
and the sign is used to indicate direction.
3: Test conditions are those specified by TIA/EIA232-F and as listed above.
SWITCHING CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER SECTION (VDD=12V, VSS=-12V, VCC=5V)
Low to High
tPLH
315
500
ns
Propagation Delay Time
High to low
tPHL
RL=3 ~ 7 kΩ, CL=15pF
(Figure. 3)
75
175
ns
Low to High
tTLH
60
100
ns
High to Low
tTHL
RL=3 ~ 7 kΩ, CL=15pF
40
75
ns
Low to High
tTLH
1.7
2.5
μs
Transition Time
High to Low
tTHL
RL=3 ~ 7 kΩ, CL=2500pF
(Figure. 3, Note)
1.5
2.5
μs
RECEIVER SECTION (VDD=12V, VSS=-12V, VCC=5V)
Low to High
tPLH
107
250
ns
High to low
tPHL
RL=5 kΩ, CL=50pF
42
150
ns
Low to High
tPLH
100
160
ns
Propagation Delay Time
(Figure. 6)
High to Low
tPHL
RL=1.5 kΩ, CL=15pF
60
100
ns
Low to High
tTLH
175
350
ns
High to Low
tTHL
RL=5 kΩ, CL=50pF
16
60
ns
Low to High
tTLH
90
175
ns
Transition Time
(Figure. 6)
High to Low
tTHL
RL=1.5 kΩ, CL=15pF
15
50
ns
Note: Measured points of the output waveform (TIA/EIA-232-F conditions) as below, all unused inputs are tied.
- Low to High level: between -3V and 3V.
- High to Low level: between 3V and -3V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com