Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32C-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP32C-TN3-R
Description  PNP EXPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP32C-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP32C-TN3-R Datasheet HTML 1Page - Unisonic Technologies TIP32C-TN3-R Datasheet HTML 2Page - Unisonic Technologies TIP32C-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TIP32C
PNP EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2
www.unisonic.com.tw
QW-R209-017,B
ABSOLUATE MAXIUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-100
V
Emitter-Base Voltage
VEBO
-5
V
DC
IC
-3
A
Collector Current
PULSE
ICM
-5
A
Base Current
IB
-1
A
Tc=25
40
W
Power Dissipation
Ta=25
PD
2
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
ELECTRICAL CHARACTERISTICS (Ta= 25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage*
BVCEO
IC=-30mA,IB=0
-100
V
Collector Cutoff Current
ICES
VCE=-100V, VBE=0
-200
µA
Collector Cutoff Current
ICEO
VCE=-60V, IB=0
-0.3
mA
Emitter Cutoff current
IEBO
VBE=-5V, Ic=0
-1
mA
Collector-Emitter Saturation Voltage*
VCE(sat)
IC=-3A, IB=-375mA
-1.2
V
Base-Emitter On Voltage*
VBE(on)
IC=-3A, VCE=-4A
-1.8
V
DC Current Gain*
hFE
IC=-1A, VCE=-4V
IC=-3A, VCE=-4V
25
10
50
Current Gain Bandwidth Product
fT
IC=-0.5A,VCE=-10V, f=1MHz
3
MHz
*Pulse Test: PW<=300
µs, Duty Cyle<=2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com