Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS665LSG Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS665LSG
Description  True Zero Speed, High Accuracy, Gear Tooth Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS665LSG Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS665LSG Datasheet HTML 9Page - Allegro MicroSystems ATS665LSG Datasheet HTML 10Page - Allegro MicroSystems ATS665LSG Datasheet HTML 11Page - Allegro MicroSystems ATS665LSG Datasheet HTML 12Page - Allegro MicroSystems ATS665LSG Datasheet HTML 13Page - Allegro MicroSystems ATS665LSG Datasheet HTML 14Page - Allegro MicroSystems ATS665LSG Datasheet HTML 15Page - Allegro MicroSystems ATS665LSG Datasheet HTML 16Page - Allegro MicroSystems ATS665LSG Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ATS665LSG
TRUE ZERO-SPEED GEAR TOOTH SENSOR
POWER DE-RATING
Due to internal power consumption, the junction
temperature of the IC, Tj, is higher than the ambient
environment temperature, Ta. To ensure that the device
does not operate above the maximum rated junction
temperature use the following calculations:
Tj = Ta +
ΔT
Then, at Ta = 150 °C:
= Tj
– Ta
= 165°C - 150°C = 15°C
ΔTmax
max
max
If:
ΔT = P * Rθja
* R
θja
ΔT = P
D
D
Where: P = Vcc * Icc
Then, at Ta = 150°C:
D
=
ΔT
/ R
θja = 15°C / 126°C/W = 119 mW
PDmax
max
∴ ΔT=Vcc * Icc * Rθja
If:
Where
ΔT denotes the temperature rise resulting from
the IC’s power dissipation.
P = Vcc * Icc
D
Then the maximum Vcc at 150°C is therefore:
Tj = Ta +
ΔT
Vccmax = P
/ Icc = 119 mW / 12.0 mA = 9.9 V
Dmax
For the sensor :
This value applies only to the voltage drop across the
665 chip. If a protective series diode or resistor is used,
the effective maximum supply voltage is increased.
Tj(max) = 165°C
R
θja = 126°C/W
Typical Tj calculation:
For example, when a standard diode with a 0.7 V drop is
used:
Ta = 25 °C
Vsmax = 9.9 V + 0.7 V = 10.6 V
Vcc = 5 V
Icc = 7.0 mA
Final Version, Rev 2.0; MN; 19Dec05
Page 13
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995, 2005 Allegro MicroSystems, Inc.
ATS665LSG Package Power De-Rating Curve
Thermal Resistance = 126°C/Watt, Tjmax = 165°C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
20
40
60
80
100
120
140
160
180
Ambient Temperature [°C]
c
PD = Vcc * Icc = 5 V * 8.0 mA = 40.0 mW
ΔT = P * Rθja = 40.0 mW * 126°C/W = 5.0°C
D
Tj = Ta +
ΔT = 25 °C + 5.0°C = 30.0°C
Maximum Allowable Power Dissipation Calculation
for ATS665:
Assume:
Ta = Tamax = 165 °C
Tj(max) = 165°C
4
Icc = 12.0 mA
If:
4max Icc @ 150C < max Icc @ 25C, see characteristic
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com