Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72E311 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST72E311
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E311 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST72E311 Datasheet HTML 27Page - STMicroelectronics ST72E311 Datasheet HTML 28Page - STMicroelectronics ST72E311 Datasheet HTML 29Page - STMicroelectronics ST72E311 Datasheet HTML 30Page - STMicroelectronics ST72E311 Datasheet HTML 31Page - STMicroelectronics ST72E311 Datasheet HTML 32Page - STMicroelectronics ST72E311 Datasheet HTML 33Page - STMicroelectronics ST72E311 Datasheet HTML 34Page - STMicroelectronics ST72E311 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 101 page
background image
31/101
ST72E311 ST72T311
I/O PORTS (Cont’d)
Table 12. I/O Port Register Map
Address
(Hex.)
Register
Label
7654
3210
0000h
PADR
D7
D6
D5
D4
D3
D2
D1
D0
0001h
PADDR
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
0002h
PAOR
O7
O6
O5
O4
O3
O2
O1
O0
0004h
PCDR
D7
D6
D5
D4
D3
D2
D1
D0
0005h
PCDDR
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
0006h
PCOR
O7
O6
O5
O4
O3
O2
O1
O0
0008h
PBDR
D7
D6
D5
D4
D3
D2
D1
D0
0009h
PBDDR
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
000Ah
PBOR
O7
O6
O5
O4
O3
O2
O1
O0
000Ch
PEDR
D7
D6
D5
D4
D3
D2
D1
D0
000Dh
PEDDR
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
000Eh
PEOR
O7
O6
O5
O4
O3
O2
O1
O0
0010h
PDDR
D7
D6
D5
D4
D3
D2
D1
D0
0011h
PDDDR
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
0012h
PDOR
O7
O6
O5
O4
O3
O2
O1
O0
0014h
PFDR
D7
D6
D5
D4
D3
D2
D1
D0
0015h
PFDDR
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
0016h
PFOR
O7
O6
O5
O4
O3
O2
O1
O0
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com