Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8130L-T92-D-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 8130L-T92-D-R
Description  POWER RESET IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8130L-T92-D-R Datasheet(HTML) 2 Page - Unisonic Technologies

  8130L-T92-D-R Datasheet HTML 1Page - Unisonic Technologies 8130L-T92-D-R Datasheet HTML 2Page - Unisonic Technologies 8130L-T92-D-R Datasheet HTML 3Page - Unisonic Technologies 8130L-T92-D-R Datasheet HTML 4Page - Unisonic Technologies 8130L-T92-D-R Datasheet HTML 5Page - Unisonic Technologies 8130L-T92-D-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
81XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R119-001,J
MARKING INFORMATION
PACKAGE
MARKING
PACKAGE
MARKING
SOT-23
1
2
3
DATE
CODE
PIN CODE
VOLTAGE
CODE
SOT-89
123
81XX
DATE
CODE
VOLTAGE
CODE
SOT-25
5
4
3
DATE
CODE
PIN CODE
VOLTAGE
CODE
21
TO-92
12
3
UTC
81XX
PIN CODE
DATE
CODE
BLOCK DIAGRAM
OP1
VCC
OUT
GND
C01
+
-
The Pin2 this product is SUB, so connect the pin to Ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com