Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS321
Description  LOW-POWER SINGLE OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS321 Datasheet(HTML) 3 Page - Texas Instruments

  TS321 Datasheet HTML 1Page - Texas Instruments TS321 Datasheet HTML 2Page - Texas Instruments TS321 Datasheet HTML 3Page - Texas Instruments TS321 Datasheet HTML 4Page - Texas Instruments TS321 Datasheet HTML 5Page - Texas Instruments TS321 Datasheet HTML 6Page - Texas Instruments TS321 Datasheet HTML 7Page - Texas Instruments TS321 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TS321
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
SLOS489A – DECEMBER 2005 – REVISED MARCH 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Single
32
VCC
Supply voltage(2)
V
Dual
±16
VID
Differential input voltage(3)
32
V
VI
Input voltage range(2)(4)
–0.3
32
V
II
Input current(4)
50
mA
tshort
Duration of output short circuit to ground
Unlimited
D package
97
θ
JA
Package thermal impedance, junction to free air(5)(6)
°C/W
DBV package
206
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltage values are with respect to the midpoint between VCC+ and VCC–.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Neither input must ever be more positive than VCC+ or more negative than VCC–.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Selecting the maximum of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
Single supply
3
30
VCC
Supply voltage
V
Dual supply
±1.5
±15
TA
Operating free-air temperature
–40
125
°C
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com