Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8830 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # SP8830
Description  1.5GHz 첨 10 Prescaler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8830 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SP8830 Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8830 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8830 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8830 Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8830 Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8830 Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SEMICMF.019
1
Features
High speed operation 1.5GHz
Silicon techology for low phase noise (typically
better than -140dBc/Hz at 10kHz)
Very low power dissipation: 150mW (Typ.)
Single 5V supply operation
High input sensitivity
Very wide operating frequency range
Available as DESC SMD 5962 - 9157201MPA
Description
The SP8830 is one of a range of very high speed low
power
prescalers
for
professional
and
military
applications. The device features a complementary
output stage with on chip current sources for the
emitter follower outputs.
Temperature Range: -55
°C to +125°C (A Grade)
-40
°C to +85°C (B Grade)
Absolute Maximum Ratings
Supply voltage, VCC
6.5V
Clock input voltage
2.5V p-p
Storage temperature range
-65
°C to +150°C
Junction temperature
+ 175
°C
DS3690
May 2002
Ordering Information
SP8830 A DG
SP8830 B DG
DES9157201/AC/DGAZ (SMD)
SP8830
1.5GHZ
÷÷ 10 Prescaler
Data Sheet
Figure 1 - SP8830 Block Diagram
1k
2k
INPUT
INPUT
÷2
÷5
0.8mA
2
3
OUTPUT
OUTPUT
7
6
VCC
GND
5
1
0.8mA
1.25k
1.25k
1mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com