Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP5311C/CG/GP1N Datasheet(PDF) 13 Page - Zarlink Semiconductor Inc

Part # VP5311C/CG/GP1N
Description  NTSC/PAL Digital Video Encoder
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

VP5311C/CG/GP1N Datasheet(HTML) 13 Page - Zarlink Semiconductor Inc

Back Button VP5311C/CG/GP1N Datasheet HTML 9Page - Zarlink Semiconductor Inc VP5311C/CG/GP1N Datasheet HTML 10Page - Zarlink Semiconductor Inc VP5311C/CG/GP1N Datasheet HTML 11Page - Zarlink Semiconductor Inc VP5311C/CG/GP1N Datasheet HTML 12Page - Zarlink Semiconductor Inc VP5311C/CG/GP1N Datasheet HTML 13Page - Zarlink Semiconductor Inc VP5311C/CG/GP1N Datasheet HTML 14Page - Zarlink Semiconductor Inc VP5311C/CG/GP1N Datasheet HTML 15Page - Zarlink Semiconductor Inc VP5311C/CG/GP1N Datasheet HTML 16Page - Zarlink Semiconductor Inc VP5311C/CG/GP1N Datasheet HTML 17Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
VP5311C/VP5511C
12
TIMING INFORMATION
Min.
Typ.
10
14.5
10
5
10
0
10
0
9
27.0
Max.
TBD
TBD
25
Units
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
PXCX
periods
ns
fPXCK
tPWH; PXCK
tPWL; PXCK
tRP
tFP
tSU;PD
tHD;PD
tSU;SCSYNC
tHD;SCSYNC
tSU;PALID
tHD;PALID
tDUR;PALID
tDOS
10% to 90% points
90% to 10% points
PXCK to COMPSYNC
PXCK to CLAMP
Conditions
Parameters
Master clock frequency (PXCK input)
PXCX pulse width, HIGH
PXCX pulse width, LOW
PXCX rise time
PXCX fall time
PD7-0 set up time
PD7-0 hold time
SCSYNC set up time
SCSYNC hold time
PALID set up time
PALID hold time
PALID duration
Output delay
Symbol
Note: Timing reference points are at the 50% level. Digital C LOAD <40pF.
Fig.6 PALID input timing
1439 1440 1441 1442 1443 1444 1445 1446 1447 1448 1449 1450
Y719 $FF
$00
$XY
$00
EAV SEQUENCE
ANCILLARY DATA...
Pixel Data Input (PD[7,0])
Sample Number
PALID Stable
Input (PALID)
PXCK Input (27MHz)
t PWH; PXCK
t PWL; PXCK
t SU; PD
t HD; PD
t HD; PALID
t SU; PALID
t DUR; PALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com