Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602B Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SN8P1602B
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602B Datasheet(HTML) 2 Page - SONiX Technology Company

  SN8P1602B Datasheet HTML 1Page - SONiX Technology Company SN8P1602B Datasheet HTML 2Page - SONiX Technology Company SN8P1602B Datasheet HTML 3Page - SONiX Technology Company SN8P1602B Datasheet HTML 4Page - SONiX Technology Company SN8P1602B Datasheet HTML 5Page - SONiX Technology Company SN8P1602B Datasheet HTML 6Page - SONiX Technology Company SN8P1602B Datasheet HTML 7Page - SONiX Technology Company SN8P1602B Datasheet HTML 8Page - SONiX Technology Company SN8P1602B Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Version 1.2
AMENDENT HISTORY
Version
Date
Description
VER 1.0
Sep. 2003
V1.0 First Issue
VER 1.1
Sep. 2003
1. Remove approval sheet
2. Remove PCB layout notice section.
3. Modify the description of code option notice.
4. Add the description of PEDGE register.
5. Modify the description of INTRQ register.
6. Change operating voltage range from “2.2V ~ 5.5V” to “2.4V ~ 5.5V” at
Fosc=3.579545 MHz, ambient temperature = 25
°C.
VER 1.2
Dec. 2003
1.
Add “without pull-up resistor” in p1.4 pin description.
2.
Correct the definition of P00G [1:0] (PEDGE register).
Change “01 = rising edge” to “01 = falling edge”.
Change “10 = falling edge” to “10 = rising edge”.
3.
Add MASK/OTP relative table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com