Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN8P1602A Datasheet(PDF) 39 Page - SONiX Technology Company

Part # SN8P1602A
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602A Datasheet(HTML) 39 Page - SONiX Technology Company

Back Button SN8P1602A Datasheet HTML 35Page - SONiX Technology Company SN8P1602A Datasheet HTML 36Page - SONiX Technology Company SN8P1602A Datasheet HTML 37Page - SONiX Technology Company SN8P1602A Datasheet HTML 38Page - SONiX Technology Company SN8P1602A Datasheet HTML 39Page - SONiX Technology Company SN8P1602A Datasheet HTML 40Page - SONiX Technology Company SN8P1602A Datasheet HTML 41Page - SONiX Technology Company SN8P1602A Datasheet HTML 42Page - SONiX Technology Company SN8P1602A Datasheet HTML 43Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 39
Version 1.2
OSCM REGISTER DESCRIPTION
The OSCM register is an oscillator control register. It controls oscillator status, system mode, watchdog timer clock
rate.
0CAH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OSCM
WTCKS
WDRST
0
CPUM1
CPUM0
CLKMD
STPHX
0
Read/Write
R/W
R/W
-
R/W
R/W
R/W
R/W
-
After reset
0
0
-
0
0
0
0
-
STPHX: External high-speed oscillator control bit. 0 = free run, 1 = stop. This bit only controls external high-speed
oscillator. If STPHX=1, the internal low-speed RC oscillator is still running.
CLKMD: System high/Low clock mode: bit 0 = normal (dual) mode, 1 = slow mode.
CPUM1, CPUM0: CPU operating mode control bit:
00 = normal
01 = sleep (power down) mode
10 = green mode
11 = reserved.
WDRST: Watchdog timer reset bit
0 = Non-reset
1 = clear the watchdog timer’s counter.
Please refer to the “watchdog timer chapter” for detailed information.
WTCKS: Watchdog clock source
0 = Fcpu
1 = internal RC low clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com