Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250R120-R3 Datasheet(PDF) 1 Page - Littelfuse

Part # 250R120-R3
Description  POLYFUSE Resettable PTCs Radial Leaded
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R3 Datasheet(HTML) 1 Page - Littelfuse

  250R120-R3 Datasheet HTML 1Page - Littelfuse 250R120-R3 Datasheet HTML 2Page - Littelfuse 250R120-R3 Datasheet HTML 3Page - Littelfuse 250R120-R3 Datasheet HTML 4Page - Littelfuse 250R120-R3 Datasheet HTML 5Page - Littelfuse 250R120-R3 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.littelfuse.com
©2006 Littelfuse
250R Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
• The 250R series is designed to protect against short
duration high voltage fault currents (power cross or
power induction surge) typically found in telecom
applications (250Vrms). The series can be used to help
telecom networking equipment meet the protection
requirements specified in ITU K.20 and K.21.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
V
int / Vop
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
typ
(
Ω)
R
1max
(
Ω)
250R080T
0.08
0.16
250/60
3
1
0.35
3
15
22
33
X
X
250R080
0.08
0.16
250/60
3
1
0.35
3
14
22
33
X
X
250R120
0.12
0.24
250/60
3
1
1
1.5
4
8
16
X
X
250R120-RA
0.12
0.24
250/60
3
1
1
1.0
7
9
16
X
X
250R120-RC
0.12
0.24
250/60
3
1
1
0.85
5.4
7.5
14
X
X
250R120-RF
0.12
0.24
250/60
3
1
1
0.7
6
10.5
16
X
X
250R120-R1
0.12
0.24
250/60
3
1
1
0.8
6
9
16
X
X
250R120-R2
0.12
0.24
250/60
3
1
1
0.7
8
10.5
16
X
X
250R120-R3
0.12
0.24
250/60
3
1
1
1
8
10
16
X
X
250R120T
0.12
0.24
250/60
3
1
1
1.2
7
12
16
X
X
250R145
0.145
0.29
250/60
3
1
1
2.5
3
6
14
X
X
250R145-RA
0.145
0.29
250/60
3
1
1
5
3
5.5
12
X
X
250R145-RB
0.145
0.29
250/60
3
1
1
2.5
4.5
6
14
X
X
250R145T
0.145
0.29
250/60
3
1
1
2.0
5.4
7.5
14
X
X
250R180
0.18
0.65
250/60
10
1.8
1
21
0.8
2.2
4
X
X
250R180T
0.18
0.65
250/60
10
1.8
1
20
1.4
3.9
4.5
X
X
*typical value
C: coated device
T: pre-tripped device
Description
Features
Applications
• RoHS compliant and
lead-free
• Fast time-to-trip
• Binned and sorted narrow
resistance ranges available
• 0.08 – 0.18 Hold current
range, 60VDC operating
voltage
• 250VAC interrupt rating
• Customer Premises
Equipment (CPE)
• Central Office (CO)/
Telecom Centers
• LAN/WAN Equipment
• Access equipment
250R Series
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50082521


Similar Part No. - 250R120-R3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R120-R3 LITTELFUSE-250R120-R3 Datasheet
619Kb / 7P
Fast time - to - trip Access equipment Lan/Wan equipment
250R120-R3 LITTELFUSE-250R120-R3 Datasheet
619Kb / 7P
POLY-FUSE짰 Resettable PTCs Radial Leaded > 250R Series
250R120-R3 LITTELFUSE-250R120-R3 Datasheet
267Kb / 7P
POLYFUSE짰 Resettable PTCs
250R120-R3 LITTELFUSE-250R120-R3 Datasheet
619Kb / 7P
POLY-FUSE Resettable PTCs
250R120-R3 LITTELFUSE-250R120-R3 Datasheet
729Kb / 7P
The 250R Series is designed to protect against short duration high voltage fault currents
More results

Similar Description - 250R120-R3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
POLYFUSE Resettable PTCs
16R250G LITTELFUSE-16R250G Datasheet
148Kb / 6P
POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
POLYFUSE Resettable PTCs
30R400UF LITTELFUSE-30R400UF Datasheet
182Kb / 7P
POLYFUSE Resettable PTCs Radial Leaded 30R Series
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
POLYFUSE Resettable PTCs
30R300UPR LITTELFUSE-30R300UPR Datasheet
171Kb / 8P
POLYFUSE Resettable PTCs
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com