Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BASICS-HANDTOOL Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # BASICS-HANDTOOL
Description  PV® Hand Tool
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

BASICS-HANDTOOL Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  BASICS-HANDTOOL Datasheet HTML 1Page - Amphenol Communications Solutions BASICS-HANDTOOL Datasheet HTML 2Page - Amphenol Communications Solutions BASICS-HANDTOOL Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.amphenol-cs.com
Hand Tool Assembly
PV® Hand Tool
P/N : 10162308-001, 10162309-001 & 10162310-001
NOTE
Amphenol CS recommends using the hand tool for prototyping and small
production quantities only.
Open the handles and
insert the tool head into
the open holes.
The laser marking of
both
parts
should
match.
Unlock 2 pins by pushing
towards them.
Extract the pins.
Lock the pins by pushing
toward them. Hand Tool
is ready to use.
1
2
3
4
1
2
1
2
1
2
Tool Head



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com