Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO_USB_MICRO Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # IO_USB_MICRO
Description  Micro USB 2.0 Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

IO_USB_MICRO Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  IO_USB_MICRO Datasheet HTML 1Page - Amphenol Communications Solutions IO_USB_MICRO Datasheet HTML 2Page - Amphenol Communications Solutions IO_USB_MICRO Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
Micro USB 2.0 Connectors
TECHNICAL INFORMATION
MATERIAL
§
Contact: Copper Alloy
•Contact Area: 30µin. Au over Nickel
•Solder Tail Area: Au flash over Nickel
•Shield: Stainless Steel
• Pure Tin Plating: 10104110, 10104111, 10103592,
10103594
• Matte Tin Plating: 10118192, 10118193 and 10118194
• Nickel Plating: 10103593
•Housing: High temperature thermoplastic resin
• Black color for B-type
• Gray color for AB-type
§
UL94V-0
ELECTRICAL PERFORMANCE
§
Low Level Contact Resistance: Initial 30mΩ max.; after
∆R=±10mΩ (Test condition: EIA-364-23)
§
Insulation Resistance: Initial 1000MΩ min.; after 100MΩ
min. (Test condition: EIA-364-21)
§
Dielectric Withstanding Voltage: 100VAC for 1 minute; no
breakdown (Test condition: EIA-364-20)
§
Temperature Rise: 30°C max. (Test condition: EIA-364-
70)
MECHANICAL PERFORMANCE
§
Mating/Un-mating Force (Initial)
§
Durability
§
Contact Resistance: ∆R= ±10mΩ max.
§
Appearance: No breakdown
§
Mating Cycles: 10,000 cycles at max. rated of 200 cycles
per hour
§
Test Condition: EIA-364-09
APPROVALS AND CERTIFICATION
§
LV214 - Severity 2 Compatible
SPECIFICATION
§
GS-12-641 product specification
PACKAGING
§
Tape & Reel
§
Packing Specification: GS-14-1461, GS-14-1465 and
GS-14-1466
ENVIRONMENTAL
§
Functional Temperature Range: -55°C to +85°C, under test
connectors mated without damage
TARGET MARKETS/APPLICATIONS
Satellite Phone
Camcorder
Smart Phone
MP3 Player
Bluetooth Headphone
Smart Watch
Tablet
Reader
GPS
Laptop Coolers
Field PC
Satellite Phone



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com