Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF202 Datasheet(PDF) 2 Page - ON Semiconductor

Part # STF202
Description  USB Filter with ESD Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STF202 Datasheet(HTML) 2 Page - ON Semiconductor

  STF202 Datasheet HTML 1Page - ON Semiconductor STF202 Datasheet HTML 2Page - ON Semiconductor STF202 Datasheet HTML 3Page - ON Semiconductor STF202 Datasheet HTML 4Page - ON Semiconductor STF202 Datasheet HTML 5Page - ON Semiconductor STF202 Datasheet HTML 6Page - ON Semiconductor STF202 Datasheet HTML 7Page - ON Semiconductor STF202 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STF202–22
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C)
VBR @
1 mA
(Volts)
Max IR
@ VRWM
= 5.25 V
VBUS to
Max IR
@ VRWM
= 3.3 V
Typical Line
Capacitance
Series Resistor
RS (W) (Note 1)
Pull–up Resistor
Rup (kW)
Device
Device
Marking
VRWM
(Volts)
Min
Max
VBUS to
GND
(
mA)
= 3.3 V
I/O Pin
(
mA)
Capacitance
(pF)
(Notes 2, 3)
Min
Nom
Max
Min
Nom
Max
STF202–22T1
S22
5.25
6.0
8.0
5.0
1.0
68
20
22
24
1.35
1.5
1.65
1. For other RS values (i.e. RS = 30 W) contact your local ON Semiconductor sales representative.
2. Measured at 25
°C, VR = 0 V, f = 1 MHz, Pins 2, 3, 4 or 5 to GND with Pin 1 also grounded.
3. For other capacitance values contact your local ON Semiconductor sales representative.
TYPICAL CHARACTERISTICS
Figure 1. Analog Cross–talk (D+ to D–)
Figure 2. Insertion Loss Characteristics
0.1
1
1000
10
100
P = –25 dBm
Vdc = 0 V
(MHz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0.1
1
1000
10
100
(MHz)
–50
–40
–30
–20
–10
0
10
20
30
40
50
P = –25 dBm
Vdc = 0 V
Figure 3. RS versus Temperature
Figure 4. Rup versus Temperature
–30
0
10
TARGET
TEMPERATURE (
°C)
21.0
21.2
21.4
21.6
21.8
22.0
22.2
–30
0
10
TEMPERATURE (
°C)
1450
1460
1470
1480
1490
1500
1510
1520
1530
1540
RS– TARGET
–20 –10
20
30
40
50
60
70
80
–20 –10
20
30
40
50
60
70
80



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com