Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP137 Datasheet(PDF) 3 Page - ON Semiconductor

Part # TIP137
Description  Darlington Complementary Silicon Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP137 Datasheet(HTML) 3 Page - ON Semiconductor

  TIP137 Datasheet HTML 1Page - ON Semiconductor TIP137 Datasheet HTML 2Page - ON Semiconductor TIP137 Datasheet HTML 3Page - ON Semiconductor TIP137 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIP131, TIP132 (NPN), TIP137 (PNP)
http://onsemi.com
3
80
0
0
20
40
60
80
100
120
160
Figure 2. Power Derating
T, TEMPERATURE (°C)
40
20
60
140
TC
4.0
0
2.0
1.0
3.0
TA
TA
TC
Figure 3. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1.0 k
500
ZqJC(t) = r(t) RqJC
RqJC = 1.78°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) ZqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com