Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24C01LIT3 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT24C01LIT3
Description  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C01LIT3 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT24C01LIT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C01LIT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CAT24C01/02/04/08/16
2
Doc. No. 1115, Rev. C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS(1)
Storage Temperature
-65°C to +150°C
Voltage on Any Pin with Respect to Ground(2)
-0.5 V to +6.5 V
RELIABILITY CHARACTERISTICS(3)
Symbol Parameter
Min
Units
NEND(4) Endurance
1,000,000
Program/ Erase Cycles
TDR
Data Retention
100
Years
D.C. OPERATING CHARACTERISTICS
VCC = 1.8 V to 5.5 V, TA = -40°C to 85°C, unless otherwise specified.
Symbol Parameter
Test Conditions
Min
Max
Units
ICCR
Read Current
Read, fSCL = 400 kHz
1
mA
ICCW
Write Current
Write, fSCL = 400 kHz
1
mA
ISB
Standby Current
All I/O Pins at GND or VCC
1
μA
IL
I/O Pin Leakage
Pin at GND or VCC
1
μA
VIL
Input Low Voltage
-0.5
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7 VCC + 0.5
V
VOL1
Output Low Voltage
VCC
≥ 2.5 V, IOL = 3.0 mA
0.4
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 1.0 mA
0.2
V
PIN IMPEDANCE CHARACTERISTICS
VCC = 1.8 V to 5.5 V, TA = -40°C to 85°C, unless otherwise specified.
Symbol Parameter
Conditions
Max
Units
CIN(3)
SDA I/O Pin Capacitance
VIN = 0 V
8
pF
CIN(3)
Input Capacitance (other pins)
VIN = 0 V
6
pF
IWP(5)
WP Input Current
VIN < VIH, VCC = 5.5 V
200
μA
VIN < VIH, VCC = 3.3 V
150
VIN < VIH, VCC = 1.8 V
100
VIN > VIH
1
Note:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this speci-
fication is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The DC input voltage on any pin should not be lower than -0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than -1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Page Mode, VCC = 5 V, 25°C
(5) When not driven, the WP pin is pulled down to GND internally. For improved noise immunity, the internal pull-down is relatively strong;
therefore the external driver must be able to supply the pull-down current when attempting to drive the input HIGH. To conserve power,
as the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull-down reverts to a weak current source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com