Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT37 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT37
Description  CMOS White LED Driver Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT37 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT37 Datasheet HTML 1Page - Catalyst Semiconductor CAT37 Datasheet HTML 2Page - Catalyst Semiconductor CAT37 Datasheet HTML 3Page - Catalyst Semiconductor CAT37 Datasheet HTML 4Page - Catalyst Semiconductor CAT37 Datasheet HTML 5Page - Catalyst Semiconductor CAT37 Datasheet HTML 6Page - Catalyst Semiconductor CAT37 Datasheet HTML 7Page - Catalyst Semiconductor CAT37 Datasheet HTML 8Page - Catalyst Semiconductor CAT37 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT37
2
Doc. No. 5005, Rev. S
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ORDERING INFORMATION
PIN CONFIGURATION
PIN DESCRIPTIONS
CAT37
1
2
3
5
4
SW
GND
FB
VIN
SHDN
θ
5-Lead SOT-23
1mm maximum height
[Free Air]
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
e
b
u
T
y
t
i
t
n
a
u
Q
l
e
e
R
y
t
i
t
n
a
u
Q
e
g
a
k
c
a
P
e
d
o
C
g
n
i
k
r
a
M
7
E
T
-
K
K
E
7
3
T
A
C3
2
T
O
S
n
i
h
t
,
d
a
e
l
-
5
—
0
0
0
3F
B
7
E
T
-
I
D
T
7
3
T
A
C
3
2
T
O
S
n
i
h
t
,
d
a
e
l
-
5
e
e
r
F
d
a
e
L
—
0
0
0
3M
L
r
e
b
m
u
N
t
r
a
Pe
m
a
Nn
o
i
t
c
n
u
F
1W
S
r
o
F
.
h
c
t
i
w
s
r
e
w
o
p
l
a
n
r
e
t
n
i
e
h
t
f
o
n
i
a
r
d
e
h
t
s
i
s
i
h
T
.
n
i
p
h
c
t
i
w
S
.
n
i
p
s
i
h
t
o
t
d
e
t
c
e
n
n
o
c
a
e
r
a
e
c
a
r
t
e
h
t
e
z
i
m
i
n
i
m
,
I
M
E
m
u
m
i
n
i
m
2D
N
G.
d
n
u
o
r
g
o
t
2
n
i
p
t
c
e
n
n
o
C
.
n
i
p
d
n
u
o
r
G
3B
F.
n
i
p
n
o
i
t
c
e
n
n
o
c
)
e
d
o
h
t
a
c
(
D
E
L
4
N
D
H
S
.
n
i
p
n
w
o
d
t
u
h
S
5N
I
V
a
h
t
i
w
d
e
s
s
a
p
y
b
e
b
d
l
u
o
h
s
n
i
p
s
i
h
T
.
n
i
p
y
l
p
p
u
s
t
u
p
n
I
e
h
t
o
t
e
s
o
l
c
d
e
t
n
u
o
m
r
o
t
i
c
a
p
a
c
F
µ
1
A
.
d
n
u
o
r
g
o
t
r
o
t
i
c
a
p
a
c
.
d
e
d
n
e
m
m
o
c
e
r
s
i
n
i
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com