Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC10153 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10153
Description  Quad Latch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10153 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10153_02 Datasheet HTML 1Page - ON Semiconductor MC10153_02 Datasheet HTML 2Page - ON Semiconductor MC10153_02 Datasheet HTML 3Page - ON Semiconductor MC10153_02 Datasheet HTML 4Page - ON Semiconductor MC10153_02 Datasheet HTML 5Page - ON Semiconductor MC10153_02 Datasheet HTML 6Page - ON Semiconductor MC10153_02 Datasheet HTML 7Page - ON Semiconductor MC10153_02 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10153
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
83
75
83
mAdc
Input Current
IinH
3
4
5
13
390
390
560
460
245
245
350
290
245
245
350
290
µAdc
IinL
3
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
2
2
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
2
2
–1.890
–1.890
–1.890
–1.675
–1.675
–1.675
–1.850
–1.850
–1.850
–1.650
–1.650
–1.650
–1.825
–1.825
–1.825
–1.615
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
2
2
2
[
2
]
2
]
2
2
–1.080
–1.080
–1.080
–1.080
–1.080
–1.080
–1.080
–1.080
–0.980
–0.980
–0.980
–0.980
–0.980
–0.980
–0.980
–0.980
–0.910
–0.910
–0.910
–0.910
–0.910
–0.910
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
2
2
2
[
2
]
2
]
–1.655
–1.655
–1.655
–1.655
–1.655
–1.655
–1.630
–1.630
–1.630
–1.630
–1.630
–1.630
–1.595
–1.595
–1.595
–1.595
–1.595
–1.595
Vdc
Switching Times (50
Ω Load)
ns
Propagation Delay
t3+2+
t4–2+
t5–2+
tsetup
thold
2
2
2
3
3
1.0
1.0
1.0
2.5
1.5
5.6
5.6
3.2
1.0
1.0
1.0
2.5
1.5
4.0
4.0
2.0
0.7
0.7
5.4
5.6
3.1
1.1
1.2
1.0
2.5
1.5
5.9
6.2
3.4
Rise Time
(20 to 80%)
t2+
2
1.0
3.6
1.1
2.0
3.5
1.1
3.8
Fall Time
(20 to 80%)
t2–
2
1.0
3.6
1.1
2.0
3.5
1.1
3.8
[ Output level to be measured after a clock pulse has been applied to the clock input (Pin 4)
VIHmax
VILmin
] Data input at proper high/low level while clock pulse is high so that device latches ar proper high/low level for test. Levels are measured after
device has latched.
* Latch set to zero state before test.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com