Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C32PSATE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT25C32PSATE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C32PSATE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT25C32PSATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C32PSATE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
CAT25C32/64
Doc. No. 1001, Rev. G
Notes:
(1) The device used in the above example is a 25C64SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage,
Tape & Reel)
ORDERING INFORMATION
Package
P = 8-Pin PDIP
S = 8-Pin SOIC
U14= 14-Pin TSSOP
U20 = 20-Pin TSSOP
Prefix
Device #
Suffix
25C64
S
I
TE13
Product
Number
25C32: 32K
25C64: 64K
Tape & Reel
TE13: 2000/Reel
Operating Voltage
Blank = 2.5 to 6.0V
1.8 = 1.8 to 6.0V
-1.8
CAT
Temperature Range
Blank = Commercial (0
°C to +70°C)
I = Industrial (-40
°C to +85°C)
A = Automotive (-40
°C to +105°C)
Optional
Company ID
L = PDIP (Lead free, Halogen free)
V = SOIC, JEDEC (Lead free, Halogen free)
Y14 = TSSOP (Lead free, Halogen free)
Y20 = TSSOP (Lead free, Halogen free)
E = Extended (-40
°C to +125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com