Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C32LSATE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT25C32LSATE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C32LSATE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25C32LSATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C32LSATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C32LSATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C32LSATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C32LSATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C32LSATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C32LSATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C32LSATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C32LSATE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
CAT25C32/64
Doc. No. 1001, Rev. G
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
Figure 8. Page Write Instruction Timing
Note: Dashed Line = mode (1, 1) – – – –
Note: Dashed Line= mode (1, 1) — — — —
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
Data
Byte 1
012345678
21
22
23 24-31
32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
proper number of clock cycles to start an internal write
cycle. Access to the array during an internal write cycle
is ignored and program-ming is continued. On power up,
SO is in a high impedance.
When powering down, the supply should be taken down
to 0V, so that the CAT25C32/64 will be reset when
power is ramped back up. If this is not possible, then,
following a brown-out episode, the CAT25C32/64 can
be reset by refreshing the contents of the Status Regis-
ter (See Application Note AN10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com