Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CEBA2F27C6ES Datasheet(PDF) 34 Page - Intel Corporation

Part # 5CEBA2F27C6ES
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F27C6ES Datasheet(HTML) 34 Page - Intel Corporation

Back Button 5CEBA2F27C6ES Datasheet HTML 29Page - Intel Corporation 5CEBA2F27C6ES Datasheet HTML 30Page - Intel Corporation 5CEBA2F27C6ES Datasheet HTML 31Page - Intel Corporation 5CEBA2F27C6ES Datasheet HTML 32Page - Intel Corporation 5CEBA2F27C6ES Datasheet HTML 33Page - Intel Corporation 5CEBA2F27C6ES Datasheet HTML 34Page - Intel Corporation 5CEBA2F27C6ES Datasheet HTML 35Page - Intel Corporation 5CEBA2F27C6ES Datasheet HTML 36Page - Intel Corporation 5CEBA2F27C6ES Datasheet HTML 37Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Date
Version
Changes
• Updated MLAB RAM Bit (Kb) in Embedded Memory Capacity and
Distribution in Cyclone V Devices table as follows:
— Cyclone V GX C3: Updated from 181 to 182
— Cyclone V GX C4: Updated from 295 to 424
• Updated Total RAM Bit (Kb) in Embedded Memory Capacity and
Distribution in Cyclone V Devices table as follows:
— Cyclone V GX C3: Updated from 1,531 to 1,532
— Cyclone V GX C4: Updated from 2,795 to 2,924
• Updated MLAB Block count in Embedded Memory Capacity and
Distribution in Cyclone V Devices table as follows:
— Cyclone V GX C4: Updated from 472 to 678
— Cyclone V GX C5: Updated from 679 to 678
March 2015
2015.03.31
• Added internal scrubbing feature under configuration in Summary of
Features for Cyclone V Devices table.
• Added optional suffix "SC: Internal scrubbing support" to the following
diagrams:
— Sample Ordering Code and Available Options for Cyclone V E Devices
— Sample Ordering Code and Available Options for Cyclone V GX Devices
— Sample Ordering Code and Available Options for Cyclone V SE Devices
— Sample Ordering Code and Available Options for Cyclone V SX Devices
January 2015
2015.01.23
• Updated Sample Ordering Code and Available Options for Cyclone V ST
Devices figure because Cyclone V ST devices are only available in I
temperature grade and –7 speed grade.
— Operating Temperature: Removed C and A temperature grades
— FPGA Fabric Speed Grade: Removed –6 and –8 speed grades
• Updated the transceiver specification for Cyclone V ST from 5 Gbps to
6.144 Gbps:
— Device Variants for the Cyclone V Device Family table
— Sample Ordering Code and Available Options for Cyclone V ST Devices
figure
— Maximum Resource Counts for Cyclone V ST Devices
• Updated Maximum Resource Counts for Cyclone V GX Devices table for
Cyclone V GX G3 devices.
— Logic elements (LE) (K): Updated from 35.7 to 35.5
— Variable-precision DSP block: Updated from 51 to 57
— 18 x 18 multiplier: Updated from 102 to 114
• Updated Number of Multipliers in Cyclone V Devices table for Cyclone V
GX G3 devices.
— Variableprecision DSP Block: Updated from 51 to 57
— 9 x 9 Multiplier: Updated from 153 to 171
— 18 x 18 Multiplier: Updated from 102 to 114
— 27 x 27 Multiplier: Updated from 51 to 57
— 18 x 18 Multiplier Adder Mode: Updated from 51 to 57
— 18 x 18 Multiplier Adder Summed with 36 bit Input: Updated from 51
to 57
• Updated Embedded Memory Capacity and Distribution in Cyclone V
Devices table for Cyclone V GX G3 devices.
— M10K block: Updated from 119 to 135
— M10K RAM bit (Kb): Updated from 1,190 to 1,350
— MLAB block: Updated from 255 to 291
— MLAB RAM bit (Kb): Updated from 159 to 181
— Total RAM bit (Kb): Updated from 1,349 to 1,531
October 2014
2014.10.06
Added a footnote to the "Transceiver PCS Features for Cyclone V Devices"
table to show that PCIe Gen2 is supported for Cyclone V GT and ST devices.
continued...
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com