Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT1232LP Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT1232LP
Description  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LP Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT1232LP Datasheet HTML 1Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 2Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 3Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LP Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
CAT1232LP/CAT1832
Doc. No. 25089, Rev. 0C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
For the CAT1232LP, VCC = 5V and TAMB = 25
°C unless otherwise stated.
Threshold Voltage vs. Temperature (10% TOL)
Threshold Voltage vs. Temperature (5% TOL)
Supply Current vs. Temperature
Reset Active Time vs. Temperature
Reset Active Time Waveform
Transient Response
4.610
4.615
4.620
4.625
4.630
-50
0
50
100
TEMPERATURE (°C)
TOL = GND (5%)
4.430
4.435
4.440
4.445
4.450
-50
0
50
100
TEMPERATURE (°C)
TOL = Vcc (10%)
0
10
20
30
40
-50
0
50
100
TEMPERATURE (°C)
Vcc = 4.5V
Vcc = 5.5V
300
400
500
600
700
800
-50
0
50
100
TEMPERATURE (°C)
Vcc = 5.5V
Vcc = 4.5V
TD = open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com