Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT4137TS Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT4137TS
Description  CMOS Boost Converter - White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4137TS Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT4137TS Datasheet HTML 1Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 2Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 3Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 4Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 5Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 6Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 7Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 8Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT4137
Doc. No. MD-5012 Rev. B
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, FB voltage
-0.3 to +7
V
SHDN
¯¯¯¯¯ voltage
-0.3 to +7
V
SW voltage
-0.3 to 40
V
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +150
°C
Lead Temperature
300
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
2.2 to 5.5
V
SW pin voltage
0 to 24
V
Ambient Temperature Range
-40 to +85
°C
LED Bias Current
1 to 30
mA
ELECTRICAL OPERATING CHARACTERISTICS
VIN = 3.6V, ambient temperature of 25ºC (over recommended operating conditions unless specified otherwise)
Symbol Parameter
Conditions
Min
Typ
Max
Unit
IQ
Operating Current
VFB = 0.3V
VFB = 0.4V (not switching)
0.4
0.1
1.5
0.3
mA
ISD
Shutdown Current
VSHDN
¯¯¯¯¯ = 0V
0.1
1
µA
VFB
FB Pin Voltage
3 LEDs with ILED=20mA
285
300
315
mV
IFB
FB pin input leakage
0.1
1
µA
ILED
Programmed LED Current
R1 = 10Ω
R1 = 15Ω
R1 = 20Ω
28.5
19
14.25
30
20
15
31.5
21
15.75
mA
VIH
VIL
SHDN
¯¯¯¯¯ Logic High
SHDN
¯¯¯¯¯ Logic Low
Enable Threshold Level
Shutdown Threshold Level
0.4
0.8
0.7
1.5
V
V
FSW
Switching Frequency
0.7
1
1.3
MHz
ILIM
Switch Current Limit
250
300
400
mA
RSW
Switch “On” Resistance
ISW = 100mA
1.0
2.0
Ω
ILEAK
Switch Leakage Current
Switch Off, VSW = 5V
1
5
µA
TSD
Thermal Shutdown
150
ºC
THYS
Thermal Hysteresis
20
ºC
η
Efficiency
Typical Application Circuit
86
%
VUVLO
Under-voltage lock out
(UVLO) threshold
1.9
V
VOV-SW
Output Clamp Voltage
“Open LED” fault
29
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com