Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29DW128F60NF6 Datasheet(PDF) 83 Page - STMicroelectronics

Part # M29DW128F60NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F60NF6 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button M29DW128F60NF6 Datasheet HTML 79Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 80Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 81Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 82Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 83Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 84Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 85Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 86Page - STMicroelectronics M29DW128F60NF6 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
M29DW128F
Extended Memory Block
83/94
Appendix C
Extended Memory Block
The M29DW128F has an extra block, the Extended Block, that can be accessed using a
dedicated command.
This Extended Block is 128 Words in x16 mode and 256 bytes in x8 mode. It is used as a
security block (to provide a permanent security identification number) or to store additional
information.
The Extended Block is divided into two memory areas of 64 Words each:
●
The first one is Factory Locked.
●
The second one is Customer Lockable. It is up to the customer to protect it from
program operations. Its status is indicated by bit DQ6 and DQ7. When DQ7 is set to ‘1’
and DQ6 to ‘0’, it indicates that this second memory area is Customer Lockable. When
DQ7 and DQ6 are both set to ‘1’, it indicates that the second part of the Extended Block
is Customer Locked and protected from program operations. Bit DQ7 being
permanently locked to either ‘1’ or ‘0’ is another security feature which ensures that a
customer lockable device cannot be used instead of a factory locked one.
Bits DQ6 and DQ7 are the most significant bits in the Extended Block Protection Indicator
and a specific procedure must be followed to read it. See “Section 3.6.2: Verify Extended
Block Protection Indicator” and Table 5 and Table 8, Block Protection, for details of how to
read bit DQ7.
The Extended Block can only be accessed when the device is in Extended Block mode. For
details of how the Extended Block mode is entered and exited, refer to the Section 6.1.11:
Program command and Section 6.3.2: Exit Extended Block command paragraphs, and to
Table 15 and Table 16, Block Protection Commands.
C.1
Factory Locked Section of the Extended Block
The first section of The Extended Block is permanently protected from program operations
and cannot be unprotected. The Random Number, Electronic Serial Number (ESN) and
Security Identification Number (see Table 41: Extended Block Address and Data) are written
in this section in the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com