Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4DNF30L Datasheet(PDF) 3 Page - STMicroelectronics

Part # S4DNF30L
Description  Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S4DNF30L Datasheet(HTML) 3 Page - STMicroelectronics

  S4DNF30L Datasheet HTML 1Page - STMicroelectronics S4DNF30L Datasheet HTML 2Page - STMicroelectronics S4DNF30L Datasheet HTML 3Page - STMicroelectronics S4DNF30L Datasheet HTML 4Page - STMicroelectronics S4DNF30L Datasheet HTML 5Page - STMicroelectronics S4DNF30L Datasheet HTML 6Page - STMicroelectronics S4DNF30L Datasheet HTML 7Page - STMicroelectronics S4DNF30L Datasheet HTML 8Page - STMicroelectronics S4DNF30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STS4DNF30L
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (vgs = 0)
30
V
VGS
Gate- source voltage
±16
V
ID
Drain current (continuos) at TC = 25°C
4
A
ID
Drain current (continuos) at TC = 100°C
2.5
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
16
A
PTOT
Total dissipation at TC = 25°C dual operating
2
W
Table 2.
Thermal data
Rthj-a
(1)Thermal resistance junction-ambient Max
1.
Mounted on FR-4 board (t
≤10sec)
62.5
°C/W
TJ
Junction temperature
-55 to 150
°C
Tstg
Storage temperature range
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com