Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4DNFS30 Datasheet(PDF) 3 Page - STMicroelectronics

Part # S4DNFS30
Description  N-channel - 30V - 0.044ohm - 4.5A SO-8 STripFET tm Power MOSFET plus schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S4DNFS30 Datasheet(HTML) 3 Page - STMicroelectronics

  S4DNFS30 Datasheet HTML 1Page - STMicroelectronics S4DNFS30 Datasheet HTML 2Page - STMicroelectronics S4DNFS30 Datasheet HTML 3Page - STMicroelectronics S4DNFS30 Datasheet HTML 4Page - STMicroelectronics S4DNFS30 Datasheet HTML 5Page - STMicroelectronics S4DNFS30 Datasheet HTML 6Page - STMicroelectronics S4DNFS30 Datasheet HTML 7Page - STMicroelectronics S4DNFS30 Datasheet HTML 8Page - STMicroelectronics S4DNFS30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STS4DNFS30
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Mosfet absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
Gate- source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
4.5
A
ID
Drain current (continuous) at TC = 100°C
3.2
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
13
A
PTOT
Total dissipation at TC = 25°C
2
W
Table 2.
Schottky absolute maximum ratings
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS) RMS forward current
10
A
IF(AV)
Average forward current
TL=125°C
δ=0.5
4A
IFSM
Surge non repetitive forward current
tp=10ms
Sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp=2µs
F=1kHz
1A
IRSM
Non repetitive peak reverse current
tp=100µs
1
A
dv/dt
Critical rate of rise of reverse voltage
10000
v/µs
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-amb Thermal resistance junction-amb Mosfet (1)
1.
Mounted on FR-4 board (steady state)
62.5
°C/W
Tstg
Storage temperature range Max
-55 to 150
°C
Tj
Junction temperature
-55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com