Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8725 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8725
Description  99dB Stereo DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8725 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8725 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
WM8725
Production Data
w
PD Rev 4.1 August 2004
4
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating
at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under
Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically
susceptible to damage from excessive static voltages. Proper ESD precautions must be taken during
handling and storage of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Supply voltage
-0.3V
+7.0V
Reference input
VCC+0.3V
Operating temperature range, TA
-25
o
C
+85
o
C
Storage temperature
-65
o
C
+150
o
C
Lead temperature (soldering, 10 seconds)
+240
o
C
Lead temperature (soldering, 2 minutes)
+183
o
C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Range
VDD
-10%
3.0 to 5.0
+10%
V
Ground
GND
0
V
VDD = 5V
15
25
mA
Supply Current
VDD = 3V
7.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com