Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8725ED/R Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8725ED/R
Description  99dB Stereo DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8725ED/R Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8725ED/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8725ED/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8725ED/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8725ED/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8725ED/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8725ED/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8725ED/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8725ED/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8725ED/R Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
WM8725
Production Data
w
PD Rev 4.1 August 2004
6
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LRCIN
Digital input
Sample rate clock input
2
DIN
Digital input
Serial data input
3
BCKIN
Digital input
Bit clock input
4
NC
No connect
No internal connection
5
CAP
Analogue output
Analogue internal reference
6
VOUTR
Analogue output
Right channel DAC output
7
GND
Supply
0V supply
8
VDD
Supply
Positive supply
9
VOUTL
Analogue output
Left channel DAC output
10
MUTE
Digital input
Mute control, high = muted. Internal pull-down
11
NC
No connect
No internal connection
12
DEEMPH
Digital input
De-emphasis select, high = de-emphasis ON. Internal pull-up
13
FORMAT
Digital input
Data input format select, low = normal, high = I
2S. Internal pull-up
14
SCKI
Digital input
System clock input (256fs or 384fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com