Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

208-421LPSTN Datasheet(PDF) 1 Page - CTS Corporation

Part # 208-421LPSTN
Description  Multifunctional Through Hole Through Hole
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

208-421LPSTN Datasheet(HTML) 1 Page - CTS Corporation

  208-421LPSTN Datasheet HTML 1Page - CTS Corporation 208-421LPSTN Datasheet HTML 2Page - CTS Corporation 208-421LPSTN Datasheet HTML 3Page - CTS Corporation 208-421LPSTN Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
Multifunctional
Through Hole
DIP Switches
Features
Optimized Mechanical Features
• Standard 2.54mm (.100") x 7.62mm (.300") DIP
centers
• Available with flush actuators for low profile
SPST & SPDT applications
• Sealed version optional; assures
contaminant-free switch operation after
wave soldering and cleaning
Optimized Contact System
• Contact wiping action on make and break
• Integral terminal and contact locked into
thermoset base
• Electrostatic discharge shield rated to 22 KV
Materials
• Series 206, gold plated copper alloy
contacts
• Series 208, solder coated, copper alloy contacts
• All UL 94 V-0 plastics used
Series 206/208 DIP
Electrical and Mechanical Specifications
Switch Function
SPST - 1 through 10 and 12 positions
SPDT&DPST- 1 through 6 positions
DPDT&4PST - 1 through 3 positions
3PST - 1 through 4 positions
Switch Contact Resistance
Insulation Resistance
1,000 megohms minimum across open switch
1,000 megohms minimum between adjacent
closed switches
Dielectric Strength
500 VAC minimum for 1 minute between adjacent
switches
Nonswitching Rating
100 mA or 50 VDC maximum
Switch Capacitance
5.0 pF maximum between adjacent closed switches
Operating Temperature
- 55°C to +85°C
Actuation Life
Series 206: 10,000 cycles switching
50 mA @ 24 VDC
Series 208: 2,000 cycles switching
50 mA @ 24 VDC
Allowable Solder Time
Up to 5 seconds with 260°C
Vibration
Per MIL-STD-202F, method 204D, condition B
with no contact inconsistencies greater than
1 microsecond
Shock
Per MIL-STD-202F, method 213B, condition A
with no contact inconsistencies greater than
1 microsecond
Sealing
Optional bottom epoxy seal
Optional top tape seal
Marking
Special side or top marking available-consult CTS
Switch Series
Initial, max.
End of life , max.
206
50 milliohms
100 milliohms
208
100 milliohms
500 milliohms
Series 206 – Premium Programmable DIP Switch
Series 208 – Economical Programmable DIP Switch
• Available with low profile, standard, or extended
actuators
• RoHS compliant
Packaging
1 - 4
© 2006 CTS Corporation. All rights reserved. Information subject to change.
6/30/06
CTS Electronic Components
www.ctscorp.com
Standard : Anti-Static tube packaging


Similar Part No. - 208-421LPSTN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
208-4 CTS-208-4 Datasheet
328Kb / 1P
DIP Switches
208-4PST CTS-208-4PST Datasheet
130Kb / 4P
Multifunctional through hole DIP switches
208-4ST CTS-208-4ST Datasheet
130Kb / 4P
Multifunctional through hole DIP switches
More results

Similar Description - 208-421LPSTN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206 CTS-206 Datasheet
130Kb / 4P
Multifunctional through hole DIP switches
logo
Rohm
SLA580 ROHM-SLA580 Datasheet
94Kb / 2P
Through-hole LEDs
logo
CTS Corporation
2083LPST CTS-2083LPST Datasheet
386Kb / 4P
Multifunctional Through Hole DIP Switches
206221 CTS-206221 Datasheet
386Kb / 4P
Multifunctional Through Hole DIP Switches
logo
Everlight Electronics C...
EADCD030RA1 EVERLIGHT-EADCD030RA1 Datasheet
439Kb / 6P
Display  Through-hole
May 13, 2014
EADCD040OA2 EVERLIGHT-EADCD040OA2 Datasheet
413Kb / 6P
Display Through-hole
May 15, 2014
EADDM117AA2 EVERLIGHT-EADDM117AA2 Datasheet
477Kb / 6P
Display  Through-hole
May 22, 2014
EADDM288YA1 EVERLIGHT-EADDM288YA1 Datasheet
444Kb / 6P
Display  Through-hole
EADDM288GA2 EVERLIGHT-EADDM288GA2 Datasheet
453Kb / 6P
Display  Through-hole
logo
Lite-On Technology Corp...
LTL2P3KRK LITEON-LTL2P3KRK Datasheet
477Kb / 11P
Through Hole Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com