Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS712 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS712
Description  Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS712 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS712 Datasheet HTML 1Page - Allegro MicroSystems ACS712 Datasheet HTML 2Page - Allegro MicroSystems ACS712 Datasheet HTML 3Page - Allegro MicroSystems ACS712 Datasheet HTML 4Page - Allegro MicroSystems ACS712 Datasheet HTML 5Page - Allegro MicroSystems ACS712 Datasheet HTML 6Page - Allegro MicroSystems ACS712 Datasheet HTML 7Page - Allegro MicroSystems ACS712 Datasheet HTML 8Page - Allegro MicroSystems ACS712 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor with
2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Selection Guide
Part Number
Packing*
TOP
(°C)
Optimized Range, IP
(A)
Sensitivity, Sens
(Typ) (mV/A)
ACS712ELCTR-05B-T
Tape and reel, 3000 pieces/reel
–40 to 85
±5
185
ACS712ELCTR-20A-T
Tape and reel, 3000 pieces/reel
–40 to 85
±20
100
ACS712ELCTR-30A-T
Tape and reel, 3000 pieces/reel
–40 to 85
±30
66
*Contact Allegro for additional packing options.
loss. The thickness of the copper conductor allows survival of
the device at up to 5× overcurrent conditions. The terminals of
the conductive path are electrically isolated from the sensor leads
(pins 5 through 8). This allows the ACS712 current sensor to be
used in applications requiring electrical isolation without the use
of opto-isolators or other costly isolation techniques.
TheACS712 is provided in a small, surface mount SOIC8 package.
The leadframe is plated with 100% matte tin, which is compatible
withstandardlead(Pb)freeprintedcircuitboardassemblyprocesses.
Internally,thedeviceisPb-free,exceptforflip-chiphigh-temperature
Pb-based solder balls, currently exempt from RoHS. The device is
fully calibrated prior to shipment from the factory.
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
8V
Reverse Supply Voltage
VRCC
–0.1
V
Output Voltage
VIOUT
8V
Reverse Output Voltage
VRIOUT
–0.1
V
Output Current Source
IIOUT(Source)
3mA
Output Current Sink
IIOUT(Sink)
10
mA
Overcurrent Transient Tolerance
IP
100 total pulses, 250 ms duration each, applied
at a rate of 1 pulse every 100 seconds.
60
A
Maximum Transient Sensed Current
IR(max)
Junction Temperature, TJ < TJ(max)
60
A
Nominal Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Maximum Junction
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
TÜV America
Certificate Number:
U8V 06 05 54214 010
Parameter
Specification
Fire and Electric Shock
CAN/CSA-C22.2 No. 60950-1-03
UL 60950-1:2003
EN 60950-1:2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com