Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS651LSHTN-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS651LSHTN-T
Description  Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS651LSHTN-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS651LSHTN-T Datasheet HTML 4Page - Allegro MicroSystems ATS651LSHTN-T Datasheet HTML 5Page - Allegro MicroSystems ATS651LSHTN-T Datasheet HTML 6Page - Allegro MicroSystems ATS651LSHTN-T Datasheet HTML 7Page - Allegro MicroSystems ATS651LSHTN-T Datasheet HTML 8Page - Allegro MicroSystems ATS651LSHTN-T Datasheet HTML 9Page - Allegro MicroSystems ATS651LSHTN-T Datasheet HTML 10Page - Allegro MicroSystems ATS651LSHTN-T Datasheet HTML 11Page - Allegro MicroSystems ATS651LSHTN-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Two-Wire Self-Calibrating Differential Speed and Direction Sensor with Vibration Immunity
ATS651LSH
9
651LSH-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions
Min. Typ.
Max Units
Package Thermal Resistance
RθJA
1-layer PCB with copper limited to solder pads
126
–
–
ºC/W
2-layer PCB with 3.57 in.2 of copper area each side
connected by thermal vias
84
–
–
ºC/W
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
Power Derating Curve
(RθJA = 126 ºC/W)
(RθJA = 84 ºC/W)
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Maximum Power Dissipation, PD(max)
R
θJA =
126
ºC/W
R
θJA
=
84
ºC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com