Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS674 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS674
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS674 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS674 Datasheet HTML 1Page - Allegro MicroSystems ATS674 Datasheet HTML 2Page - Allegro MicroSystems ATS674 Datasheet HTML 3Page - Allegro MicroSystems ATS674 Datasheet HTML 4Page - Allegro MicroSystems ATS674 Datasheet HTML 5Page - Allegro MicroSystems ATS674 Datasheet HTML 6Page - Allegro MicroSystems ATS674 Datasheet HTML 7Page - Allegro MicroSystems ATS674 Datasheet HTML 8Page - Allegro MicroSystems ATS674 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ATS673-DS, Rev. 1
Description
Recognizing the increasingly stringent requirements for EMC/
EMIinautomotiveapplications,Allegrohastakenthenecessary
steps to design devices that are capable of withstanding the
effects of radiated and conducted transients. The ATS673
and ATS674 devices have been designed specifically for this
purpose. Advanced circuitry on the die allows them to survive
positive and negative transient pulses on both the input and
output.
The ATS673 and ATS674 devices retain all of the same
characteristics as theATS671 andATS672. The devices remain
true zero-speed gear tooth sensors with optimized Hall IC/
magnet configuration in an SIP (single in-line package). The
SIP assembly consists of a molded package that holds together
a samarium cobalt magnet, a pole piece, and a true zero-speed
Hall IC that has been optimized to the magnetic circuit.
The sensor incorporates a single element Hall IC that switches
in response to magnetic signals created by a ferrous target.
The IC contains a sophisticated digital circuit designed
to eliminate the detrimental effects of magnet and system
offsets. Signal processing is used to provide zero-speed
Features and Benefits
▪ Tight timing accuracy over operating temperature range
▪ True zero-speed operation
▪ TPOS (True Power-On State)
▪ Air-gap-independent switchpoints
▪ High immunity to vibration
▪ Large operating air gaps
▪ Operation with supply voltages down to 3.3 V
▪ Digital output representing target profile
▪ Single-chip solution for high reliability
▪ Optimized Hall IC/magnet system
Self-Calibrating TPOS Gear Tooth Sensor Optimized for
Automotive Cam Sensing Applications
Continued on the next page…
Functional Block Diagram
Not to scale
Packages: 4 pin SIP (suffix SE)
ATS673 and ATS674
Continued on the next page…
GND
VOUT
VCC
Output
Driver
0.1 μF
C
BYPASS
V+
Voltage
Regulator
(Analog)
TEST
Hall
Amp
Automatic
Gain
Control
V
PROC
9-Bit
PDAC
9-Bit
NDAC
Threshold
Comparator
(Recommended)
Voltage
Regulator
(Digital)
Offset Adjust
Temperature
Coefficient
Adjust
Offset
TC
LPF
TPOS
TPOS Trim
Power-On
Reset
V
REF
Continuous
Update Logic
Continuous
Update Logic
Comp_P
Comp_N
Output State
Output State
9-Bit
Counter
Clock
9
9-Bit
Counter
Clock
9
Threshold
Output
V
REG(A)
V
REG(D)
V
REG(D)
V
REG(A)


Similar Part No. - ATS674

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS674 ALLEGRO-ATS674 Datasheet
668Kb / 20P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS674LSETN-HT ALLEGRO-ATS674LSETN-HT Datasheet
668Kb / 20P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS674LSETN-HT-T ALLEGRO-ATS674LSETN-HT-T Datasheet
668Kb / 20P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS674LSETN-LT ALLEGRO-ATS674LSETN-LT Datasheet
668Kb / 20P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS674LSETN-LT-T ALLEGRO-ATS674LSETN-LT-T Datasheet
668Kb / 20P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
More results

Similar Description - ATS674

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS643LSH ALLEGRO-ATS643LSH Datasheet
501Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS673 ALLEGRO-ATS673 Datasheet
668Kb / 20P
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS672LSB ALLEGRO-ATS672LSB_03 Datasheet
798Kb / 15P
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
May 1, 2006
ATS675LSE ALLEGRO-ATS675LSE Datasheet
477Kb / 13P
Self-Calibrating TPOS Speed Sensor Optimized for Automotive Cam Sensing Applications
ATS675 ALLEGRO-ATS675 Datasheet
364Kb / 14P
Self-Calibrating TPOS Speed Sensor IC Optimized for Automotive Cam Sensing Applications
ATS19580 ALLEGRO-ATS19580 Datasheet
1,013Kb / 16P
Direction Sensor IC for Gear Tooth Sensing
November 18, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com