Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CEBA2M23A7ES Datasheet(PDF) 21 Page - Intel Corporation

Part # 5CEBA2M23A7ES
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2M23A7ES Datasheet(HTML) 21 Page - Intel Corporation

Back Button 5CEBA2M23A7ES Datasheet HTML 17Page - Intel Corporation 5CEBA2M23A7ES Datasheet HTML 18Page - Intel Corporation 5CEBA2M23A7ES Datasheet HTML 19Page - Intel Corporation 5CEBA2M23A7ES Datasheet HTML 20Page - Intel Corporation 5CEBA2M23A7ES Datasheet HTML 21Page - Intel Corporation 5CEBA2M23A7ES Datasheet HTML 22Page - Intel Corporation 5CEBA2M23A7ES Datasheet HTML 23Page - Intel Corporation 5CEBA2M23A7ES Datasheet HTML 24Page - Intel Corporation 5CEBA2M23A7ES Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Variant
Member
Code
Variable-
precision
DSP Block
Independent Input and Output
Multiplications Operator
18 x 18
Multiplier
Adder Mode
18 x 18
Multiplier
Adder
Summed
with 36 bit
Input
9 x 9
Multiplier
18 x 18
Multiplier
27 x 27
Multiplier
C6
112
336
224
112
112
112
Cyclone V ST
D5
87
261
174
87
87
87
D6
112
336
224
112
112
112
Embedded Memory Blocks
The embedded memory blocks in the devices are flexible and designed to provide an
optimal amount of small- and large-sized memory arrays to fit your design
requirements.
Types of Embedded Memory
The Cyclone V devices contain two types of memory blocks:
•
10 Kb M10K blocks—blocks of dedicated memory resources. The M10K blocks are
ideal for larger memory arrays while still providing a large number of independent
ports.
•
640 bit memory logic array blocks (MLABs)—enhanced memory blocks that are
configured from dual-purpose logic array blocks (LABs). The MLABs are ideal for
wide and shallow memory arrays. The MLABs are optimized for implementation of
shift registers for digital signal processing (DSP) applications, wide shallow FIFO
buffers, and filter delay lines. Each MLAB is made up of ten adaptive logic modules
(ALMs). In the Cyclone V devices, you can configure these ALMs as ten 32 x 2
blocks, giving you one 32 x 20 simple dual-port SRAM block per MLAB.
Embedded Memory Capacity in Cyclone V Devices
Table 18.
Embedded Memory Capacity and Distribution in Cyclone V Devices
Variant
Member
Code
M10K
MLAB
Total RAM Bit
(Kb)
Block
RAM Bit (Kb)
Block
RAM Bit (Kb)
Cyclone V E
A2
176
1,760
314
196
1,956
A4
308
3,080
485
303
3,383
A5
446
4,460
679
424
4,884
A7
686
6,860
1338
836
7,696
A9
1,220
12,200
2748
1,717
13,917
Cyclone V GX
C3
135
1,350
291
182
1,532
C4
250
2,500
678
424
2,924
C5
446
4,460
678
424
4,884
C7
686
6,860
1338
836
7,696
C9
1,220
12,200
2748
1,717
13,917
continued...
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com