Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38680C Datasheet(PDF) 2 Page - Altech corporation

Part # 38680C
Description  UL1953 Power Distribution Blocks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

38680C Datasheet(HTML) 2 Page - Altech corporation

  38680C Datasheet HTML 1Page - Altech corporation 38680C Datasheet HTML 2Page - Altech corporation 38680C Datasheet HTML 3Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
38682 + C38BL
38680 + C38RT
38684 + C38GN
Adjustable Dial allows for Selectionof L1–L2–L3
phase designation
Color Marking Plates in Green, Blue or Red
Simple and secure DIN rail locking clip
allows easy mounting on DIN Rail
Incoming Cable Safety Slide assures IP20 protection
with all conductor sizes
Connection Clip included with each PDB
for Multipole applications
Suitable for Aluminum and Copper conductors
Technical Data
UL Rating
UL Listed to1953
UL Voltage Rating
1000VAC /DC
PDB Block Material
Tin plated Aluminum
Suitable Conductors
Copper or Aluminum
Housing Color
light grey / dark grey
Single Pole Power Distribution Blocks
Amp
Rating
Line
Load
Dimensions In (mm)
Mounting In (mm)
# Con-
ductors
Conductor Range
# Con-
ductors
Conductor Range
H
W
D
A
B
85 A Cu
65 A Al
1
#3 - #14
6
#8 - #14
1.93 (49)
1.417 (36)
3.524 (89.5)
0.914 (23.2)
3.118 (79.2)
115A Cu
90A Al
1
#1 - #14
6
#4 - #14
1.93 (49)
1.417 (36)
3.524 (89.5)
0.914 (23.2)
3.118 (79.2)
175A Cu
135A Al
1
#2/0 - #14
4
#2 - #14
2.09 (53)
1.417 (36)
3.898 (99)
0.914 (23.2)
3.492 (88.7)
255A Cu
205A Al
1
#250 kcmil - #2
6
#2 - #14
2.39 (60.7)
2.126 (54)
4.488 (114)
1.622 (41.2) 4.063 (103.7)
380A Cu
310A Al
1
#500 kcmil -
#2/0
6
#2 - #14
2.39 (60.7)
2.126 (54)
4.488 (114)
1.622 (41.2) 4.063 (103.7)
*Add “C” to PDB+ part # to include Blue, Red and Green Marking Plates (1 each) with the PDB, or order Marking Plates separately using part #s below
Marking plate blue
Marking plate red
Marking plate green
38680
38682
38684
38686
38688
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
UL1953 Power Distribution Blocks
Engineering Excellence meets Modern Design! The new Altech single pole compact Power Distribution Block includes
many new innovative renements including Selectable Phase Identication, Color Marking Plates, Simple and Secure DIN
Mounting Clip, Incoming Cable Safety Slide, and Connection Clip for multipole applications.
ø5 mm
3 mm
Part #
38680
38680C*
38682
38682C*
38684
38684C*
38686
38686C*
38688
38688C*



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com