Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CEBA2F23C8ES Datasheet(PDF) 7 Page - Intel Corporation

Part # 5CEBA2F23C8ES
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23C8ES Datasheet(HTML) 7 Page - Intel Corporation

Back Button 5CEBA2F23C8ES Datasheet HTML 3Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 4Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 5Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 6Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 7Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 8Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 9Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 10Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Related Information
True LVDS Buffers in Devices, I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 5.
Package Plan for Cyclone V E Devices
Member
Code
M383
(13 mm)
M484
(15 mm)
U324
(15 mm)
F256
(17 mm)
U484
(19 mm)
F484
(23 mm)
F672
(27 mm)
F896
(31 mm)
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
A2
223
—
176
128
224
224
—
—
A4
223
—
176
128
224
224
—
—
A5
175
—
—
—
224
240
—
—
A7
—
240
—
—
240
240
336
480
A9
—
—
—
—
240
224
336
480
Cyclone V GX
This section provides the available options, maximum resource counts, and package
plan for the Cyclone V GX devices.
The information in this section is correct at the time of publication. For the latest
information and to get more details, refer to the Product Selector Guide.
Related Information
Product Selector Guide
Provides the latest information about Intel products.
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com