Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CEBA2F27C6SC Datasheet(PDF) 14 Page - Intel Corporation

Part # 5CEBA2F27C6SC
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F27C6SC Datasheet(HTML) 14 Page - Intel Corporation

Back Button 5CEBA2F27C6SC Datasheet HTML 10Page - Intel Corporation 5CEBA2F27C6SC Datasheet HTML 11Page - Intel Corporation 5CEBA2F27C6SC Datasheet HTML 12Page - Intel Corporation 5CEBA2F27C6SC Datasheet HTML 13Page - Intel Corporation 5CEBA2F27C6SC Datasheet HTML 14Page - Intel Corporation 5CEBA2F27C6SC Datasheet HTML 15Page - Intel Corporation 5CEBA2F27C6SC Datasheet HTML 16Page - Intel Corporation 5CEBA2F27C6SC Datasheet HTML 17Page - Intel Corporation 5CEBA2F27C6SC Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Cyclone V SX
This section provides the available options, maximum resource counts, and package
plan for the Cyclone V SX devices.
The information in this section is correct at the time of publication. For the latest
information and to get more details, refer to the Product Selector Guide.
Related Information
Product Selector Guide
Provides the latest information about Intel products.
Available Options
Figure 5.
Sample Ordering Code and Available Options for Cyclone V SX Devices
The SEU internal scrubbing feature is available for Cyclone V E, GX, SE, and SX devices with the "SC" suffix in
the part number. For device availability and ordering, contact your local Intel sales representatives.
Cyclone V SE and SX low-power devices (L power option) offer 30% static power reduction for devices with
25K LE and 40K LE, and 20% static power reduction for devices with 85K LE and 110K LE.
Family Signature
Embedded Hard IPs
Transceiver Count
Transceiver
Speed Grade
Package Type
Package Code
Operating Temperature
FPGA Fabric
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
SX : SoC with 3-Gbps transceivers
F : Maximum 2 hard PCIe
controllers and 1 hard
memory controller
5C : Cyclone V
C2 : 25K logic elements
C4 : 40K logic elements
C5 : 85K logic elements
C6 : 110K logic elements
C : 6
D : 9
6 : 3.125 Gbps
F : FineLine BGA (FBGA)
U : Ultra FineLine BGA (UBGA)
FBGA Package Type
31 : 896 pins
UBGA Package Type
23 : 672 pins
C : Commercial (TJ = 0° C to 85° C)
I : Industrial (TJ = -40° C to 100° C)
A : Automotive (TJ = -40° C to 125° C)
6 (fastest)
7
8
N : Lead-free packaging
Contact Intel for availability
of leaded options
ES : Engineering sample
5C
SX
F
C6
D 6
F
31
C
6
N
Member Code
Family Variant
SC : Internal scrubbing support
L
Power Option
Omit for standard power
L : Low power
Maximum Resources
Table 12.
Maximum Resource Counts for Cyclone V SX Devices
Resource
Member Code
C2
C4
C5
C6
Logic Elements (LE) (K)
25
40
85
110
ALM
9,430
15,880
32,070
41,910
Register
37,736
60,376
128,300
166,036
Memory (Kb)
M10K
1,400
2,700
3,970
5,570
MLAB
138
231
480
621
Variable-precision DSP Block
36
84
87
112
18 x 18 Multiplier
72
168
174
224
FPGA PLL
5
5
6
6
continued...
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com