Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CEBA2F13C6SC Datasheet(PDF) 22 Page - Intel Corporation

Part # 5CEBA2F13C6SC
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F13C6SC Datasheet(HTML) 22 Page - Intel Corporation

Back Button 5CEBA2F13C6SC Datasheet HTML 18Page - Intel Corporation 5CEBA2F13C6SC Datasheet HTML 19Page - Intel Corporation 5CEBA2F13C6SC Datasheet HTML 20Page - Intel Corporation 5CEBA2F13C6SC Datasheet HTML 21Page - Intel Corporation 5CEBA2F13C6SC Datasheet HTML 22Page - Intel Corporation 5CEBA2F13C6SC Datasheet HTML 23Page - Intel Corporation 5CEBA2F13C6SC Datasheet HTML 24Page - Intel Corporation 5CEBA2F13C6SC Datasheet HTML 25Page - Intel Corporation 5CEBA2F13C6SC Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Variant
Member
Code
M10K
MLAB
Total RAM Bit
(Kb)
Block
RAM Bit (Kb)
Block
RAM Bit (Kb)
Cyclone V GT
D5
446
4,460
679
424
4,884
D7
686
6,860
1338
836
7,696
D9
1,220
12,200
2748
1,717
13,917
Cyclone V SE
A2
140
1,400
221
138
1,538
A4
270
2,700
370
231
2,460
A5
397
3,970
768
480
4,450
A6
553
5,530
994
621
6,151
Cyclone V SX
C2
140
1,400
221
138
1,538
C4
270
2,700
370
231
2,460
C5
397
3,970
768
480
4,450
C6
553
5,530
994
621
6,151
Cyclone V ST
D5
397
3,970
768
480
4,450
D6
553
5,530
994
621
6,151
Embedded Memory Configurations
Table 19.
Supported Embedded Memory Block Configurations for Cyclone V Devices
This table lists the maximum configurations supported for the embedded memory blocks. The information is
applicable only to the single-port RAM and ROM modes.
Memory Block
Depth (bits)
Programmable Width
MLAB
32
x16, x18, or x20
M10K
256
x40 or x32
512
x20 or x16
1K
x10 or x8
2K
x5 or x4
4K
x2
8K
x1
Clock Networks and PLL Clock Sources
550 MHz Cyclone V devices have 16 global clock networks capable of up to operation.
The clock network architecture is based on Intel's global, quadrant, and peripheral
clock structure. This clock structure is supported by dedicated clock input pins and
fractional PLLs.
Note:
To reduce power consumption, the Intel Quartus Prime software identifies all unused
sections of the clock network and powers them down.
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com