Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-30DR-0-R-C Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DMS-30DR-0-R-C
Description  Daylight Readable, 3쩍 Digit Panel Meters with Auto-Dimming LED Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DMS-30DR-0-R-C Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DMS-30DR-0-R-C Datasheet HTML 1Page - Delta Electronics, Inc. DMS-30DR-0-R-C Datasheet HTML 2Page - Delta Electronics, Inc. DMS-30DR-0-R-C Datasheet HTML 3Page - Delta Electronics, Inc. DMS-30DR-0-R-C Datasheet HTML 4Page - Delta Electronics, Inc. DMS-30DR-0-R-C Datasheet HTML 5Page - Delta Electronics, Inc. DMS-30DR-0-R-C Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Figure 1. DMS-30DR Simplified Schematic
PATENT PENDING
MPM_DMS-30DR_A01 Page 1 of 6
D I G I T A L P A N E L M E T E R S
DMS-30DR Series
Daylight Readable, 3½ Digit Panel Meters
with Auto-Dimming LED Displays
www.cd4power.com
FEATURES
Super-bright LED displays are readable in
direct sunlight!
Autodim circuitry automatically adjusts
display brightness
Includes external brightness adjustment
Large (0.56”/14.2mm) easy-to-read red
LED display
High reliability alternative to LCD displays
Ideal for automotive, industrial, and marine
applications
Encapsulated package mounts in panels or
pc-boards
Miniature housing: 2.17” x 0.92” x 0.56”
(55mm x 23mm x 14mm)
4 differential input ranges provide ±1 count
accuracy
Single +5V supply; Less than 1-Watt power
consumption
0 to +60°C operating temperature range
+1.225V REFERENCE OUT
(+) INPUT HI
(–) INPUT LO
ANALOG
COMMON
REFERENCE OUT
REFERENCE IN
+5V SUPPLY
R1
DP 1
DP 2
DP 3
6
5
4
9
11
12
10
8
7
1
3
2
EXTERNAL BRIGHTNESS
ADJUSTMENT
5V RETURN
+5V
–5V
+5V
1.225V
REF.
R2
DATA
909k
R2 is not used on ±200mV (-0) models or ±2V (-1) models.
R2 = 100k on ±20V (-2) models and 9.1k on ±200V (-3) models.
0 Vdc
0.01µF
1.82k
(1)
(1)
LIGHT
SENSOR
DC/DC
CONVERTER
CONVERTER
A/D
–5V
+5V
–5V
+5V
C&D Technologies’ new DMS-30DR Series are the first digital panel meters to offer LED
displays that are readable in direct sunlight—no special filters or shading devices are required.
Their Autodim circuit automatically adjusts the display’s brightness to suit viewing environments
ranging from total darkness to full, brilliant sunlight. A user-accessible brightness adjustment pin
enables custom intensity settings or display matching in multiple display applications. Washed
out, hard-to-read digital readouts are a thing of the past!
Until now, users whose instrumentation required daylight visibility had to settle for less
reliable LCD display technology. However, in order to remain legible in low ambient light, LCDs
require complex, power-hungry backlighting circuitry. And, these displays typically suffer from
very narrow viewing angles. In contrast, DMS-30DR Series LED-based displays’ power consump-
tion drops as ambient light decreases, and their viewing angle extends to nearly 180 degrees
vertically and horizontally.
All models operate from a single +5V supply, and draw as little as 7mA when operated in total
darkness—that’s less than 1/10 Watt. At maximum brightness power consumption is typically
less than 200mA (1 Watt). DMS-30DR voltmeters are available in four differential input voltage
ranges: ±200mV, ±2V, ±20V and ±200V. Input impedance is 1,000 megohms for the ±200mV
and ±2V inputs and 1 megohm for the ±20V and ±200V inputs. CMRR for all devices is 86dB,
and inputs are overvoltage protected to ±250V. Each meter incorporates a precision, ultra-stable
voltage reference and is factory calibrated prior to encapsulation.
The small size (2.17” x 0.92” x 0.56”) of DMS-30DR meters is achieved by integrating their
display, Autodim display drivers, light sensor, reference circuit, and A/D converter into in a rugged
epoxy-encapsulated assembly. The device’s 12-pin, component-like, DIP package is both vibra-
tion and moisture proof, making them ideal for harsh environments. Each package incorporates a
built-in color filter and bezel, and is easily mounted in either panels or pc boards.


Similar Part No. - DMS-30DR-0-R-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DMS-30DR-1-R-C MURATA-DMS-30DR-1-R-C Datasheet
201Kb / 6P
Sunlight Readable, 3쩍 Digit Panel Meters with Auto-Dimming LED Displays
DMS-30DR-2-R-C MURATA-DMS-30DR-2-R-C Datasheet
201Kb / 6P
Sunlight Readable, 3쩍 Digit Panel Meters with Auto-Dimming LED Displays
DMS-30DR-3-R-C MURATA-DMS-30DR-3-R-C Datasheet
201Kb / 6P
Sunlight Readable, 3쩍 Digit Panel Meters with Auto-Dimming LED Displays
More results

Similar Description - DMS-30DR-0-R-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-30PC-4 MURATA-PS-DMS-30PC-4 Datasheet
231Kb / 4P
4-20mA Input 3쩍 Digit Panel Meters with Full-Size LED Displays
logo
Murata Manufacturing Co...
DM3100U1 MURATA-DM3100U1 Datasheet
289Kb / 6P
3쩍 Digit, LCD Digital Panel Meter with Descriptors
DM-31 MURATA-DM-31 Datasheet
450Kb / 8P
Single Board Differential 3쩍 Digit, LED Panel Meter
DMS30DR MURATA-DMS30DR Datasheet
201Kb / 6P
Sunlight Readable, 3쩍 Digit Panel Meters with Auto-Dimming LED Displays
DMU-30ACV MURATA-DMU-30ACV Datasheet
142Kb / 3P
Ruggedized True-rms ac Voltmeters with Daylight Readable, Auto-Dimming LED Displays
DMU-30DCV MURATA-DMU-30DCV Datasheet
143Kb / 3P
Ruggedized DC Voltmeters with Daylight Readable Auto-Dimming LED Displays
logo
Murata Power Solutions ...
DM-3100B MURATA-PS-DM-3100B Datasheet
268Kb / 5P
AC-Powered, 3쩍 Digit LED Digital Panel Meter
logo
AAEON Technology
PD8500 AAEON-PD8500 Datasheet
2Mb / 2P
Sunlight, Daylight Readable LCD : 1000 nlts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com