Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-30DR-1-R-C Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DMS-30DR-1-R-C
Description  Daylight Readable, 3쩍 Digit Panel Meters with Auto-Dimming LED Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DMS-30DR-1-R-C Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DMS-30DR-1-R-C Datasheet HTML 1Page - Delta Electronics, Inc. DMS-30DR-1-R-C Datasheet HTML 2Page - Delta Electronics, Inc. DMS-30DR-1-R-C Datasheet HTML 3Page - Delta Electronics, Inc. DMS-30DR-1-R-C Datasheet HTML 4Page - Delta Electronics, Inc. DMS-30DR-1-R-C Datasheet HTML 5Page - Delta Electronics, Inc. DMS-30DR-1-R-C Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S U N L I G H T R E A D A B L E , A U T O - D I M M I N G L E D D I S P L A Y M E T E R S
DMS-30DR Series
S U N L I G H T R E A D A B L E , A U T O - D I M M I N G L E D D I S P L A Y M E T E R S
Figure 3. Differential Input Configuration
R2
R1 + R2
x VIN = Reading
50k
Ω < R1 + R2 < 10MΩ
Figure 6. Floating Input Measurements
(Alternate Configuration)
Figure 5. Floating Input Measurements
Figure 4. Input Attenuation Circuit
RShunt = R1 = VFsr / IFsr
Where: VFsr = Full scale reading (in Volts)
IFsr = Relative full scale current (in Amps)
5. Process Control (4-to-20mA) Measurements:
In many common pro-
cess-control applications, a 4-to-20mA current loop is used to transmit
information. Because DMS-30DR meters have such high input imped-
ance, a simple shunt resistor across the meter's input can be used to
convert the loop current to a voltage. See Figure 7. The value of the
shunt resistor is a function of the scaling requirements of the particular
application and can be calculated using the following equation:
2. Differential Input Configurations:
Differential measurements can be
made with all DMS-30DR meters. Figure 3, though not a practical real-
world application, uses a voltage divider to demonstrate the concept
of a differential input signal. Be careful not to exceed the ±2V common
mode voltage limitation for 5V-powered meters.
3. Engineering Scaling:
For measuring voltages greater than the full
scale input range of a given meter, the input signal must be attenuated.
A simple voltage divider (similar to that shown in Figure 4) will scale
the input to within the range of the selected meter. R1 and R2 should
be precision, ±1%, metal-film resistors with absolute TCR's less than
50ppm/°C. See Ap Note 4 for more information on engineering scaling.
4. Floating Signal Source Measurements:
Floating signals can be
measured using the circuits shown in Figures 5 and 6. Connecting pin
10 (ANALOG COMMON) or pin 3 (5V RETURN) to (–) INPUT LO (pin
12) provides the reference point for the meter's input.
A "floating" input is a signal that has no galvanic connection to the
meter's power supply. In the figures below, the 1.5V battery illustrates a
true floating input.
��
�������
���������
������
��
���������
������������������
��
��
��
��
��
��
������
���
�������
����������
����������
���������
��
��
��
���������
���������
��
��
�������
������
������������������
�������
������
����������
����������
���������
�������
������
���
������������������
����������
��
���������
��
���������
����
����
�������
������
����������
���������
������
���
��
���������
��
��������
��
���������
����
����
�������
������
����������
�������
������������������
����������
���������
MPM_DMS-30DR_A01 Page 4 of 6
D I G I T A L P A N E L M E T E R S
www.cd4power.com
APPLICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com