Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-30DR-2-R-C Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # DMS-30DR-2-R-C
Description  Daylight Readable, 3쩍 Digit Panel Meters with Auto-Dimming LED Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DMS-30DR-2-R-C Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  DMS-30DR-2-R-C Datasheet HTML 1Page - Delta Electronics, Inc. DMS-30DR-2-R-C Datasheet HTML 2Page - Delta Electronics, Inc. DMS-30DR-2-R-C Datasheet HTML 3Page - Delta Electronics, Inc. DMS-30DR-2-R-C Datasheet HTML 4Page - Delta Electronics, Inc. DMS-30DR-2-R-C Datasheet HTML 5Page - Delta Electronics, Inc. DMS-30DR-2-R-C Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
S U N L I G H T R E A D A B L E , A U T O - D I M M I N G L E D D I S P L A Y M E T E R S
DMS-30DR Series
Figure 9. External Gain Adjustment
Figure 8. Basic DC Ammeter Circuit
Figure 7. 4-to-20mA Current Loop Operation
To calibrate the circuit of Figure 7, perform the following:
1. With 4mA applied, adjust the 50k
Ω potentiometer (R2) to
display a reading of "000" (assuming that is the desired
reading).
2. With 20mA applied, adjust the gain-adjust potentiometer on
the back of the meter to display a reading of "1000". For
different full scale readings, alter the value of RShunt accordingly.
Example: For a meter with a 2V full scale input (1.999 full
scale reading) and a desired display reading of
"1000" (with an input of 20mA), VFsr = 1.000 Volts
RShunt = 1.000V/(0.020 – 0.004)A
RShunt = 1.000V/0.016A = 62.5 Ohms
6. Digital Ammeter:
Digital ammeters are finding ever-increasing usage
because analog-style ammeters (moving-vane types) now cost roughly
the same as their digital counterparts. Additionally, analog ammeters
are not nearly as rugged as modern digital panel voltmeters. Figure 9
illustrates a typical ammeter application. The circuit uses a ±200mV
input meter — the preferred range for most ammeters — to measure
the voltage developed across a 0.1
Ω current shunt. The circuit shown
represents a basic ammeter connection diagram. A detailed application
note describing digital dc ammeters is available at www.cd4power.com.
7. External Gain Adjustment:
Connect REFERENCE OUT
(pin 8) to REFERENCE IN (pin 7) for normal, factory calibrated,
operation. Use the +1.225V REFERENCE OUT (pin 9) for applica-
tions needing external gain adjustment. Figure 10 shows the wiring
configuration for each model. Calibration is performed with a precise,
near-full-scale, input voltage.
������
������������������
����������
��
���������
��
��������
��
���������
��
������
���
��
�������
������
������
���
������
����������
���������
����������
����������������������
����
�������
������
���
�������
������
��
������
���������
���
�����
����
��������
��
���������
���������
���������
��������
��
����������
��
��������������
������
��
��
��������������
���������
���������
������
�����������
��������������
����������������
�����������
����������
������
��
��
��������
�������
����������
���
���
MPM_DMS-30DR_A01 Page 5 of 6
D I G I T A L P A N E L M E T E R S
www.cd4power.com
APPLICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com