Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040NB5TP Datasheet(PDF) 27 Page - STMicroelectronics

Part # M50FW040NB5TP
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040NB5TP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M50FW040NB5TP Datasheet HTML 23Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 24Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 25Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 26Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 27Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 28Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 29Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 30Page - STMicroelectronics M50FW040NB5TP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
M50FW040
Status Register
27/53
5.0.3
Erase status (Bit 5)
The Erase Status bit can be used to identify if the memory has applied the maximum
number of erase pulses to the block and still failed to verify that the block has erased
correctly. The Erase Status bit should be read once the Program/Erase Controller Status bit
is ‘1’ (Program/Erase Controller inactive).
When the Erase Status bit is ‘0’ the memory has successfully verified that the block has
erased correctly; when the Erase Status bit is ‘1’ the Program/Erase Controller has applied
the maximum number of pulses to the block and still failed to verify that the block has erased
correctly.
Once the Erase Status bit is set to ‘1’ the it can only be reset to ‘0’ by a Clear Status
Register command or a hardware reset. If it is set to ‘1’ it should be reset before a new
Program or Erase command is issued, otherwise the new command will appear to fail.
5.0.4
Program status (Bit 4)
The Program Status bit can be used to identify if the memory has applied the maximum
number of program pulses to the byte and still failed to verify that the byte has programmed
correctly. The Program Status bit should be read once the Program/Erase Controller Status
bit is ‘1’ (Program/Erase Controller inactive).
When the Program Status bit is ‘0’ the memory has successfully verified that the byte has
programmed correctly; when the Program Status bit is ‘1’ the Program/Erase Controller has
applied the maximum number of pulses to the byte and still failed to verify that the byte has
programmed correctly.
Once the Program Status bit is set to ‘1’ it can only be reset to ‘0’ by a Clear Status Register
command or a hardware reset. If it is set to ‘1’ it should be reset before a new Program or
Erase command is issued, otherwise the new command will appear to fail.
5.0.5
VPP status (Bit 3)
The VPP Status bit can be used to identify an invalid voltage on the VPP pin during Program
and Erase operations. The VPP pin is only sampled at the beginning of a Program or Erase
operation. Indeterminate results can occur if VPP becomes invalid during a Program or
Erase operation.
When the VPP Status bit is ‘0’ the voltage on the VPP pin was sampled at a valid voltage;
when the VPP Status bit is ‘1’ the VPP pin has a voltage that is below the VPP Lockout
Voltage, VPPLK, the memory is protected; Program and Erase operation cannot be
performed.
Once the VPP Status bit set to ‘1’ it can only be reset to ‘0’ by a Clear Status Register
command or a hardware reset. If it is set to ‘1’ it should be reset before a new Program or
Erase command is issued, otherwise the new command will appear to fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com