Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040N5G Datasheet(PDF) 21 Page - STMicroelectronics

Part # M50FW040N5G
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040N5G Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M50FW040N5G Datasheet HTML 17Page - STMicroelectronics M50FW040N5G Datasheet HTML 18Page - STMicroelectronics M50FW040N5G Datasheet HTML 19Page - STMicroelectronics M50FW040N5G Datasheet HTML 20Page - STMicroelectronics M50FW040N5G Datasheet HTML 21Page - STMicroelectronics M50FW040N5G Datasheet HTML 22Page - STMicroelectronics M50FW040N5G Datasheet HTML 23Page - STMicroelectronics M50FW040N5G Datasheet HTML 24Page - STMicroelectronics M50FW040N5G Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
M50FW040
Bus operations
21/53
Figure 7.
FWH Bus Write waveforms
Table 5.
FWH bus Write field definitions
Clock
Cycle
Number
Clock
Cycle
Count
Field
FWH0-
FWH3
Memory
I/O
Description
1
1
START
1110b
I
On the rising edge of CLK with FWH4 Low, the
contents of FWH0-FWH3 indicate the start of a
FWH Write Cycle.
2
1
IDSEL
XXXX
I
Indicates which FWH Flash Memory is selected.
The value on FWH0-FWH3 is compared to the
IDSEL strapping on the FWH Flash Memory pins to
select which FWH Flash Memory is being
addressed.
3-9
7
ADDR
XXXX
I
A 28-bit address phase is transferred starting with
the most significant nibble first.
10
1
MSIZE
0000b
I
Always 0000b (single byte transfer).
11-12
2
DATA
XXXX
I
Data transfer is two cycles, starting with the least
significant nibble.
13
1
TAR
1111b
I
The host drives FWH0-FWH3 to 1111b to indicate
a turnaround cycle.
14
1
TAR
1111b
(float)
O
The FWH Flash Memory takes control of FWH0-
FWH3 during this cycle.
15
1
SYNC
0000b
O
The FWH Flash Memory drives FWH0-FWH3 to
0000b, indicating it has received data or a
command.
16
1
TAR
1111b
O
The FWH Flash Memory drives FWH0-FWH3 to
1111b, indicating a turnaround cycle.
17
1
TAR
1111b
(float)
N/A
The FWH Flash Memory floats its outputs and the
host takes control of FWH0-FWH3.
AI03441
CLK
FWH4
FWH0-FWH3
Number of
clock cycles
START
IDSEL
ADDR
MSIZE
DATA
TAR
SYNC
TAR
11712212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com