Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040K5TG Datasheet(PDF) 39 Page - STMicroelectronics

Part # M50FW040K5TG
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040K5TG Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M50FW040K5TG Datasheet HTML 35Page - STMicroelectronics M50FW040K5TG Datasheet HTML 36Page - STMicroelectronics M50FW040K5TG Datasheet HTML 37Page - STMicroelectronics M50FW040K5TG Datasheet HTML 38Page - STMicroelectronics M50FW040K5TG Datasheet HTML 39Page - STMicroelectronics M50FW040K5TG Datasheet HTML 40Page - STMicroelectronics M50FW040K5TG Datasheet HTML 41Page - STMicroelectronics M50FW040K5TG Datasheet HTML 42Page - STMicroelectronics M50FW040K5TG Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
M50FW040
DC and AC parameters
39/53
1.
Sampled only, not 100% tested.
2.
Input leakage currents include High-Z output leakage for all bidirectional buffers with tri-state outputs.
Figure 10.
FWH interface clock waveform
1.
Devices on the PCI Bus must work with any clock frequency between DC and 33MHz. Below 16MHz
devices may be guaranteed by design rather than tested. Refer to PCI Specification.
ICC5
(1)
Supply Current
(Program/Erase)
A/A Mux
Program/Erase Controller
Active
20
mA
IPP
VPP Supply Current
(Read/Standby)
VPP > VCC
400
µA
IPP1
(1)
VPP Supply Current
(Program/Erase
active)
VPP = VCC
40
mA
VPP = 12V ± 5%
15
mA
Table 19.
FWH interface clock characteristics
Symbol
Parameter
Test Condition
Value
Unit
tCYC
CLK Cycle Time(1)
Min
30
ns
tHIGH
CLK High Time
Min
11
ns
tLOW
CLK Low Time
Min
11
ns
CLK Slew Rate
peak to peak
Min
1
V/ns
Max
4
V/ns
Table 18.
DC characteristics (continued)
Symbol
Parameter
Interface
Test Condition
Min
Max
Unit
AI03403
tHIGH
tLOW
0.6 VCC
tCYC
0.5 VCC
0.4 VCC
0.3 VCC
0.2 VCC
0.4 VCC, p-to-p
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com