Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFCR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341APFCR
Description  3-TO-1 DVI/HDMI SWITCH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFCR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMDS341APFCR Datasheet HTML 12Page - Texas Instruments TMDS341APFCR Datasheet HTML 13Page - Texas Instruments TMDS341APFCR Datasheet HTML 14Page - Texas Instruments TMDS341APFCR Datasheet HTML 15Page - Texas Instruments TMDS341APFCR Datasheet HTML 16Page - Texas Instruments TMDS341APFCR Datasheet HTML 17Page - Texas Instruments TMDS341APFCR Datasheet HTML 18Page - Texas Instruments TMDS341APFCR Datasheet HTML 19Page - Texas Instruments TMDS341APFCR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
www.ti.com
0
4
8
12
16
20
750
950
1150
1485
1650
1850
2250
Clock Frequency - MHz
3m30 AWG
5m28 AWG
Channels2,3,4,
V
= AV
=3.3V,T =25°C,
Tp1V
=1000mV
,
720p/1080i8-Bit=742.5Mbps,
720p/1080i12-Bit=1113.75Mbps,
1080p8-Bit=1485Mbps,
1080p12-Bit=2227.5Mbps
CC
CC
ID(PP)
p-p
A
R
=4.64K
PRE=
=Low,
VSADJ
W,
OE
0
1
2
3
4
5
75
95
115
148.5
165
185
225
Clock Frequency - MHz
5m28 AWG
3m30 AWG
Channel1,
V
= AV
=3.3V,T =25°C,
Tp1V
=1000mV
CC
CC
ID(PP)
p-p
A
R
=4.64K
PRE=
=Low,
VSADJ
W,
OE
TMDS341A
SLLS702B – MAY 2006 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
RESIDUAL PEAK-TO-PEAK JITTER
RESIDUAL PEAK-TO-PEAK JITTER
(Data Channels)
(Clock Channel)
vs
vs
CLOCK FREQUENCY
CLOCK FREQUENCY
Figure 18.
Figure 19.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com