Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF102G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPF102G
Description  JFET VHF Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPF102G Datasheet(HTML) 2 Page - ON Semiconductor

  MPF102G Datasheet HTML 1Page - ON Semiconductor MPF102G Datasheet HTML 2Page - ON Semiconductor MPF102G Datasheet HTML 3Page - ON Semiconductor MPF102G Datasheet HTML 4Page - ON Semiconductor MPF102G Datasheet HTML 5Page - ON Semiconductor MPF102G Datasheet HTML 6Page - ON Semiconductor MPF102G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MPF102
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Gate −Source Breakdown Voltage
(IG = −10 mAdc, VDS = 0)
V(BR)GSS
−25
−
Vdc
Gate Reverse Current
(VGS = −15 Vdc, VDS = 0)
(VGS = −15 Vdc, VDS = 0, TA = 100°C)
IGSS
−
−
−2.0
−2.0
nAdc
mAdc
Gate −Source Cutoff Voltage
(VDS = 15 Vdc, ID = 2.0 nAdc)
VGS(off)
−
−8.0
Vdc
Gate −Source Voltage
(VDS = 15 Vdc, ID = 0.2 mAdc)
VGS
−0.5
−7.5
Vdc
ON CHARACTERISTICS
Zero −Gate −Voltage Drain Current (Note 1)
(VDS = 15 Vdc, VGS = 0 Vdc)
IDSS
2.0
20
mAdc
SMALL− SIGNAL CHARACTERISTICS
Forward Transfer Admittance (Note 1)
(VDS = 15 Vdc, VGS = 0, f = 1.0 kHz)
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
⎪yfs⎟
2000
1600
7500
−
mmhos
Input Admittance
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
Re(yis)
−
800
mmhos
Output Conductance
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
Re(yos)
−
200
mmhos
Input Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
−
7.0
pF
Reverse Transfer Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Crss
−
3.0
pF
1. Pulse Test; Pulse Width
v 630 ms, Duty Cycle v 10%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com