Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF4393RLRPG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MPF4393RLRPG
Description  JFET Switching Transistors N?묬hannel ??Depletion
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPF4393RLRPG Datasheet(HTML) 5 Page - ON Semiconductor

  MPF4393RLRPG Datasheet HTML 1Page - ON Semiconductor MPF4393RLRPG Datasheet HTML 2Page - ON Semiconductor MPF4393RLRPG Datasheet HTML 3Page - ON Semiconductor MPF4393RLRPG Datasheet HTML 4Page - ON Semiconductor MPF4393RLRPG Datasheet HTML 5Page - ON Semiconductor MPF4393RLRPG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MPF4392, MPF4393
http://onsemi.com
5
IDSS, ZERO−GATE VOLTAGE DRAIN CURRENT (mA)
20
10
30
40
50
30 40
50 60
70
20
0
10
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
70
60
80
90
100
80 90 100 110 120 130 140 150
NOTE 2
The Zero−Gate−Voltage Drain Current (IDSS), is the
principle determinant of other J−FET characteristics.
Figure 10 shows the relationship of Gate−Source Off
Voltage (VGS(off)) and Drain−Source On Resistance
(rds(on)) to IDSS. Most of the devices will be within
±10%
of the values shown in Figure 10. This data will be useful
in predicting the characteristic variations for a given part
number.
For example:
Unknown
rds(on) and VGS range for an MPF4392
The electrical characteristics table indicates that an
MPF4392 has an IDSS range of 25 to 75 mA. Figure 10
shows rds(on) = 52
W for IDSS = 25 mA and 30 W for IDSS
75 mA. The corresponding VGS values are 2.2 V and
4.8 V.
Figure 10. Effect of IDSS On Drain−Source
Resistance and Gate−Source Voltage
Tchannel = 25°C
rDS(on) @ VGS = 0
VGS(off)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com