Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC201 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SNC201
Description  Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC201 Datasheet(HTML) 2 Page - SONiX Technology Company

  SNC201 Datasheet HTML 1Page - SONiX Technology Company SNC201 Datasheet HTML 2Page - SONiX Technology Company SNC201 Datasheet HTML 3Page - SONiX Technology Company SNC201 Datasheet HTML 4Page - SONiX Technology Company SNC201 Datasheet HTML 5Page - SONiX Technology Company SNC201 Datasheet HTML 6Page - SONiX Technology Company SNC201 Datasheet HTML 7Page - SONiX Technology Company SNC201 Datasheet HTML 8Page - SONiX Technology Company SNC201 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SNC201
Direct Drive Speech Controller
1. INTRODUCTION
SNC201 is a single channel voice synthesizer IC with PWM direct drive circuit. It
built-in a 4-bit tiny controller with one 4-bit I/O port. By programming through the tiny
controller in SNC201, user’s varied applications including voice section combination,
key trigger arrangement, output control, and other logic functions can be easily
implemented.
2. FEATURES
Single power supply 2.4V – 5.5V
3 seconds voice capacity are provided (@6KHZ sample rate)
Built in a 4-bit tiny controller
Where P3.2, P3.3 can direct drive LED (8mA for driving, 16mA for sink)
One 4-bit I/O port is provided
32*4 bits RAM are provided
10K*10 ROM size are provided for voice data and program
Maximum 10k program ROM is provided
Readable ROM code data
Built in a high quality speech synthesizer
Adaptive playing speed from 2.5k-20kHz is provided
Built in a PWM Direct Drive circuit and a fixed current D/A output
8-level volume control for PWM Direct Drive output
System clock: 2MHz
Low Power Reset
Ver: 1.1
June 8, 2005
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com