Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC678 Datasheet(PDF) 2 Page - SONiX Technology Company

Part # SNC678
Description  4-Channel Speech Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC678 Datasheet(HTML) 2 Page - SONiX Technology Company

  SNC678_05 Datasheet HTML 1Page - SONiX Technology Company SNC678_05 Datasheet HTML 2Page - SONiX Technology Company SNC678_05 Datasheet HTML 3Page - SONiX Technology Company SNC678_05 Datasheet HTML 4Page - SONiX Technology Company SNC678_05 Datasheet HTML 5Page - SONiX Technology Company SNC678_05 Datasheet HTML 6Page - SONiX Technology Company SNC678_05 Datasheet HTML 7Page - SONiX Technology Company SNC678_05 Datasheet HTML 8Page - SONiX Technology Company SNC678_05 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SNC678
4-Channel Speech Controller
AMENDENT HISTORY
Version Date
Description
Ver 1.1
April 24, 2003
First issue
Ver 1.2
August 26, 2003
2. FEATURES : Modify Power supply is 2.4~5.5V
5. FUNCTION Description
5.1 Oscillator : Modify ROSC R=100KΩ
7. Electrical Characteristic : Add Current (ROSC&XTAL
Mode), and Operating Voltage Max = 5.5V
8. ROSC Performance : Add ROSC Performance
9. Application Circuit : Add Note about C1 close to VDD
pin of Chip
Ver 1.3
June 8,2005
Modify Application circuit, remove the capacitor between
RST and VDD
Ver: 1.3
June 8, 2005
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com