Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC710 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC710
Description  16-bit Voice Engine
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC710 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC710 Datasheet HTML 1Page - SONiX Technology Company SNC710 Datasheet HTML 2Page - SONiX Technology Company SNC710 Datasheet HTML 3Page - SONiX Technology Company SNC710 Datasheet HTML 4Page - SONiX Technology Company SNC710 Datasheet HTML 5Page - SONiX Technology Company SNC710 Datasheet HTML 6Page - SONiX Technology Company SNC710 Datasheet HTML 7Page - SONiX Technology Company SNC710 Datasheet HTML 8Page - SONiX Technology Company SNC710 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SNC710
16-bit Voice Engine
1. INTRODUCTION
The SNC710 is a powerful voice engine, which is based on16-bit fixed-point DSP
architecture. This chip embedded 32K words hi-performance ROM and 2K words
RAM. This internal ROM is used to implement software synthesizer in order to provide
various flexible sound effects for users, such as 2kbps~24kbps voice compression,
4-CH wave-table melody etc…. Furthermore, the SNC710 also built-in a SONiX’s
mask ROM interface, all the user’s program and voice data should be stored in
external mask ROM. And SNC710 can execute user’s program from this external
mask ROM.
2. FEATURES
♦
♦
♦
♦
♦
♦
♦
−
−
♦
♦
♦
♦
−
−
−
♦
♦
♦
♦
♦
Power supply: 2.4V ~ 3.6V (for 2 battery application)
3.6V ~ 5.1V (for 3 battery application)
Built-in a 16-bit DSP (Very Light Structure)
Software-based voice/melody processing
Rich Function Instruction Set
16MHz crystal or R-C type oscillator for system clock
8 MIPS CPU performance
I/O Ports:
16 I/O pins (P0.0~P0.15) and 8 input pins (P1.0~P1.7)
P0.15 with IR carrier signal
RAM size: 2K*16 bits
High performance program ROM: 32K*16
Watch-Mode for real time clock (32768HZ clock source)
9 Interrupt Sources
4 for Internal Timer (timer0, 1, 2 and RTC)
4 for External interrupt(P0.0~P0.3)
1 for DA or PWM
Three 8-bit timer with auto-reload function
Built in a 10-bit PWM Direct Drive circuit and a fixed current D/A output
Sampling Rate: 4KHz ~16KHz
Built-in software voice synthesizer (multiple bit-rate solution from 2Kbps ~ 24Kbps
@8K sampling rate)
Low Voltage Reset
Ver. 1.4
July 30, 2003
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com