Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC749 Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SNC749
Description  16-bit Voice Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC749 Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SNC749 Datasheet HTML 8Page - SONiX Technology Company SNC749 Datasheet HTML 9Page - SONiX Technology Company SNC749 Datasheet HTML 10Page - SONiX Technology Company SNC749 Datasheet HTML 11Page - SONiX Technology Company SNC749 Datasheet HTML 12Page - SONiX Technology Company SNC749 Datasheet HTML 13Page - SONiX Technology Company SNC749 Datasheet HTML 14Page - SONiX Technology Company SNC749 Datasheet HTML 15Page - SONiX Technology Company SNC749 Datasheet HTML 16Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary
SNC749
16-bit Voice Processor
Ver. 1.8
March 6, 2007
13
13. Application Circuit
X’TAL
VDD
VCC
VCC
VDD
VDD
VDD
VDD
VDD
VDD
LXIN
LXOUT
XOUT
XIN
Y1
TXC 16M
Y2
32768
C5
20pF
U1
SNC749 real chip
31
32
33
34
13
12
14
15
9
10
11
35
37
36
38
39
40
41
42
43
44
49
46
47
48
45
1
6
4
7
8
5
2
3
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
P0.12
P0.13
P0.14
P0.15
LXOUT
LXIN
VDDA
NC
VSSA
XIN
XOUT
P1.0
P1.2
P1.1
P1.3
VDDIO1
P1.4
P1.5
P1.6
P1.7
VSSIO1
VSSPP
BP0
VDDPP
BN0
VSSPP
Test
VDDIO2
RST_
CVDD
REGOUT
CKSEL
VSSIO2
CVSS
P0.0
P0.1
P0.2
P0.3
VSSIO0
P0.4
P0.5
P0.6
P0.7
VDDIO0
P0.8
P0.9
P0.10
P0.11
VSSIO0
SW1
1
2
SW2
1
2
SW3
1
2
SW4
1
2
SW5
1
2
SW6
1
2
SW7
1
2
SW8
1
2
SW9
1
2
SW10
1
2
SW11
1
2
SW12
1
2
SW13
1
2
SW14
1
2
SW15
1
2
SW16
1
2
D1
D2
D3
D4
D5
D6
D7
D8
C9
47u/10V
C2
47u/10V
LS2
Push-Pull
SW17
R2
220K
C3
0.1u
C10
47u/10V
C1
47u/10V
C4
0.1u
C10
0.1u
C11
0.1u
C12
0.1u
C13
47u/10V
C14
0.1u
C15
0.1u
C16
47u/10V
BT1
3V
BT2
1.5V
C6
20pF
C8
20pF
C7
20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com